Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSC0403121YZF Datasheet(PDF) 2 Page - Superworld Electronics

No. de pieza SSC0403121YZF
Descripción Electrónicos  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUPERWORLD [Superworld Electronics]
Página de inicio  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC0403121YZF Datasheet(HTML) 2 Page - Superworld Electronics

  SSC0403121YZF Datasheet HTML 1Page - Superworld Electronics SSC0403121YZF Datasheet HTML 2Page - Superworld Electronics SSC0403121YZF Datasheet HTML 3Page - Superworld Electronics SSC0403121YZF Datasheet HTML 4Page - Superworld Electronics SSC0403121YZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSC0403 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.08.2008
100.9
5.6 ±30%
0.5V / 100K
1.17
SSC04035R6YZF
±30%
SSC0403181YZF
180.0
SSC0403121YZF
SSC0403151YZF
SSC0403101YZF
±30%
150.0
±30%
±30%
120.0
100.0
0.22
0.5V / 100K
1540.0
0.5V / 100K
0.5V / 100K
0.5V / 100K
1350.0
0.24
1270.0
1020.0
0.27
0.29
0.70
0.5V / 100K
SSC0403220YZF
235.0
±30%
SSC0403470YZF
47.0
SSC0403680YZF
SSC0403820YZF
SSC0403560YZF
±30%
68.0
±30%
82.0
±30%
56.0
SSC0403330YZF
SSC0403390YZF
SSC0403270YZF
±30%
33.0
±30%
39.0
±30%
27.0
0.48
0.5V / 100K
587.0
0.5V / 100K
0.5V / 100K
0.5V / 100K
0.35
699.0
914.8
0.32
624.5
0.41
0.5V / 100K
0.5V / 100K
0.5V / 100K
0.56
331.3
383.7
0.50
261.0
0.58
±30%
SSC0403120YZF
12.0
SSC0403180YZF
SSC0403150YZF
±30%
±30%
18.0
22.0
±30%
15.0
SSC04038R2YZF
SSC04036R8YZF
SSC0403100YZF
±30%
8.2
±30%
10.0
±30%
6.8
0.84
0.5V / 100K
131.6
0.5V / 100K
0.5V / 100K
166.0
0.72
149.0
0.76
0.5V / 100K
0.5V / 100K
0.5V / 100K
1.04
117.5
128.3
1.00
108.9
1.12
Max.
2.56
23.6
1.2
0.5V / 100K
±30%
SSC04031R2YZF
SSC04034R7YZF
SSC04033R3YZF
SSC04033R9YZF
±30%
3.9
±30%
4.7
±30%
3.3
SSC04032R2YZF
SSC04032R7YZF
SSC04031R8YZF
±30%
±30%
2.2
2.7
±30%
1.8
0.5V / 100K
0.5V / 100K
0.5V / 100K
64.8
1.44
72.0
1.32
49.2
1.57
0.5V / 100K
0.5V / 100K
0.5V / 100K
31.3
43.3
2.04
1.60
27.5
2.20
Part No.
Inductance
( µH )
( m )
Frequency
( Hz )
Test
( A )
Max.
RDC
IDC


Número de pieza similar - SSC0403121YZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Superworld Electronics
SSC0403121YZF-11 SUPERWORLD-SSC0403121YZF-11 Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
SSC0403121YZF-22 SUPERWORLD-SSC0403121YZF-22 Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
SSC0403121YZF-33 SUPERWORLD-SSC0403121YZF-33 Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
SSC0403121YZF-44 SUPERWORLD-SSC0403121YZF-44 Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
SSC0403121YZF-55 SUPERWORLD-SSC0403121YZF-55 Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
More results

Descripción similar - SSC0403121YZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com