Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74FB2041ARC Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza SN74FB2041ARC
Descripción Electrónicos  7-BIT TTL/BTL TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74FB2041ARC Datasheet(HTML) 5 Page - Texas Instruments

  SN74FB2041ARC Datasheet HTML 1Page - Texas Instruments SN74FB2041ARC Datasheet HTML 2Page - Texas Instruments SN74FB2041ARC Datasheet HTML 3Page - Texas Instruments SN74FB2041ARC Datasheet HTML 4Page - Texas Instruments SN74FB2041ARC Datasheet HTML 5Page - Texas Instruments SN74FB2041ARC Datasheet HTML 6Page - Texas Instruments SN74FB2041ARC Datasheet HTML 7Page - Texas Instruments SN74FB2041ARC Datasheet HTML 8Page - Texas Instruments SN74FB2041ARC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN74FB2041A
7-BIT TTL/BTL TRANSCEIVER
SCBS172M – NOVEMBER 1991 – REVISED MARCH 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
B port
VCC = 4.5 V,
II = –18 mA
–1.2
V
VIK
Except B port
VCC = 4.5 V,
II = –40 mA
–0.5
V
VOH
AO port
VCC = 4.5 V,
IOH = –3 mA
2.5
3.3
V
AO port
VCC = 4.5 V,
IOL = 24 mA
0.35
0.5
VOL
B
t
VCC =4 5V
IOL = 80 mA
0.75
1.1
V
B port
VCC = 4.5 V
IOL = 100 mA
1.15
II
Except B port
VCC = 5.5 V,
VI = 5.5 V
50
µA
IIH‡
Except B port
VCC = 5.5 V,
VI = 2.7 V
50
µA
I ‡
Except B port
VCC = 5.5 V,
VI = 0.5 V
–50
A
IIL‡
B port
VCC = 5.5 V,
VI = 0.75 V
–100
µA
IOH
B port
VCC = 0 to 5.5 V,
VO = 2.1 V
100
µA
IOZH
AO port
VCC = 5.5 V,
VO = 2.7 V
50
µA
IOZL
AO port
VCC = 5.5 V,
VO = 0.5 V
–50
µA
IOZPU
AO port
VCC = 0 to 2.1 V,
VO = 0.5 V to 2.7 V
50
µA
IOZPD
AO port
VCC = 2.1 V to 0,
VO = 0.5 V to 2.7 V
–50
µA
IOS§
AO port
VCC = 5.5 V,
VO = 0
–30
–180
mA
ICC
AI port to B port
VCC =5 5V
IO =0
45
mA
ICC
B port to AO port
VCC = 5.5 V,
IO = 0
65
mA
Ci
AI port
VI =0 5Vor2 5V
3
pF
Ci
Control inputs
VI = 0.5 V or 2.5 V
3
pF
Co
AO port
VO = 0.5 V or 2.5 V
5.5
pF
C
B port per
VCC = 0 to 4.5 V
5
pF
Cio
IEEE Std 1194.1-1991
VCC = 4.5 V to 5.5 V
5
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
live-insertion specifications over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ICC (BIAS VCC)
VCC = 0 to 4.5 V
VB =0to2V
Vl (BIAS VCC)=4 5Vto5 5V
450
µA
ICC (BIAS VCC)
VCC = 4.5 V to 5.5 V
VB = 0 to 2 V,
Vl (BIAS VCC) = 4.5 V to 5.5 V
10
µA
VO
B port
VCC = 0,
VI (BIAS VCC) = 5 V
1.62
2.1
V
VCC = 0,
VB = 1 V,
Vl (BIAS VCC) = 4.5 V to 5.5 V
–1
IO
B port
VCC = 0 to 5.5 V,
OEB = 0 to 0.8 V
100
µA
VCC = 0 to 2.2 V,
OEB = 0 to 5 V
100


Número de pieza similar - SN74FB2041ARC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2040RC TI-SN74FB2040RC Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2040RCG3 TI-SN74FB2040RCG3 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2040RCR TI-SN74FB2040RCR Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2040RCRG3N TI-SN74FB2040RCRG3N Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
More results

Descripción similar - SN74FB2041ARC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
logo
NXP Semiconductors
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com