Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74GTLPH16612DL Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza SN74GTLPH16612DL
Descripción Electrónicos  18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLPH16612DL Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74GTLPH16612DL Datasheet HTML 3Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 4Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 5Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 6Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 7Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 8Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 9Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 10Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SN74GTLPH16612
18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SCES326 – MARCH 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC (3.3 V) = 3.15 V,
VCC (5 V) = 4.75 V,
II = –18 mA
–1.2
V
V
At
VCC (3.3 V) = 3.15 V to 3.45 V,
VCC (5 V) = 4.75 V to 5.25 V
IOH = –100 µA
VCC (3.3 V)
–0.2
V
VOH
A port
VCC (3 3 V) = 3 15 V
VCC (5 V) = 4 75 V
IOH = –8 mA
2.4
V
VCC (3.3V) = 3.15 V,
VCC (5 V) = 4.75 V
IOH = –32 mA
2
IOL = 100 µA
0.2
A port
VCC (3 3 V) = 3 15 V
VCC (5 V) = 4 75 V
IOL = 16 mA
0.4
VOL
A port
VCC (3.3V) = 3.15 V,
VCC (5 V) = 4.75 V
IOL = 32 mA
0.5
V
IOL = 64 mA
0.55
B port
VCC (3.3 V) = 3.15 V,
VCC (5 V) = 4.75 V,
IOL = 34 mA
0.65
Control
inputs
VCC (3.3 V) = 0 or 3.45 V,
VCC (5 V) = 0 or 5.25 V,
VI = 5.5 V
10
VI = 5.5 V
20
II
A port
VCC (3.3 V) = 3.45 V,
VCC (5 V) = 5.25 V
VI = VCC (3.3 V)
1
µA
I
VI = 0
–30
µ
B port
VCC (3 3 V) = 3 45 V
VCC (5 V) = 5 25 V
VI = VCC (3.3 V)
5
B port
VCC (3.3V) = 3.45 V,
VCC (5 V) = 5.25 V
VI = 0
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
100
µA
VI = 0.8 V
75
II(hold) A port
VCC (3.3 V) = 3.15 V,
VCC (5 V) = 4.75 V
VI = 2 V
–75
µA
()
VI = 0 to VCC (3.3 V)‡
±500
IOZH
A port
VCC (3.3 V) = 3.45 V,
VCC (5 V) = 5.25 V,
VO = VCC (3.3 V)
1
µA
IOZH
B port
VCC (3.3 V) = 3.45 V,
VCC (5 V) = 5.25 V,
VO = 1.5 V
10
µA
IOZL
A port
VCC (3.3 V) = 3.45 V,
VCC (5 V) = 5.25 V,
VO = 0
–1
µA
IOZL
B port
VCC (3.3 V) = 3.45 V,
VCC (5 V) = 5.25 V,
VO = 0.65 V
–10
µA
I
AB
V
(3 3 V)
3 45 V V
(5 V)
5 25 V I
0
Outputs high
1
ICC
(3 3 V)
A or B
port
VCC (3.3 V) = 3.45 V, VCC (5 V) = 5.25 V, IO = 0,
VI =VCC (3 3V)orGND§ VI =VTT or GND¶
Outputs low
5
mA
(3.3V)
ort
VI = VCC (3.3 V) or GND§, VI = VTT or GND¶
Outputs disabled
1
I
AB
V
(3 3 V)
3 45 V V
(5 V)
5 25 V I
0
Outputs high
120
ICC
(5 V)
A or B
port
VCC (3.3 V) = 3.45 V, VCC (5 V) = 5.25 V, IO = 0,
VI =VCC (3 3V)orGND§ VI =VTT or GND¶
Outputs low
120
mA
(5 V)
ort
VI = VCC (3.3 V) or GND§, VI = VTT or GND¶
Outputs disabled
120
∆ICC (3.3 V)#
VCC (3.3 V) = 3.45 V, VCC (5 V) = 5.25 V, One A-port or control input at 2.7 V,
Other A-port or control inputs at VCC (3.3 V) or GND
1
mA
Ci
Control
inputs
VI = 3.15 V or 0
4
pF
Ci
A port
VO = 3.15 V or 0
8.5
pF
Cio
B port
VO = 1.5 V or 0
8
pF
† All typical values are at VCC (3.3 V) = 3.3 V, VCC (5 V) = 5 V, TA = 25°C.
‡ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another.
§ This is the VI for A-port or control inputs.
¶ This is the VI for B port.
# This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.


Número de pieza similar - SN74GTLPH16612DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH1612DGGR TI-SN74GTLPH1612DGGR Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH1616 TI1-SN74GTLPH1616 Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH1616DGGR TI1-SN74GTLPH1616DGGR Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH1645 TI-SN74GTLPH1645 Datasheet
259Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
More results

Descripción similar - SN74GTLPH16612DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16T1655 FAIRCHILD-GTLP16T1655 Datasheet
107Kb / 14P
   16-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP36T612 FAIRCHILD-GTLP36T612 Datasheet
78Kb / 8P
   36-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com