Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STB1306670MZF Datasheet(PDF) 3 Page - Superworld Electronics

No. de pieza STB1306670MZF
Descripción Electrónicos  SHIELDED SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUPERWORLD [Superworld Electronics]
Página de inicio  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STB1306670MZF Datasheet(HTML) 3 Page - Superworld Electronics

  STB1306670MZF Datasheet HTML 1Page - Superworld Electronics STB1306670MZF Datasheet HTML 2Page - Superworld Electronics STB1306670MZF Datasheet HTML 3Page - Superworld Electronics STB1306670MZF Datasheet HTML 4Page - Superworld Electronics STB1306670MZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
09.05.2008
SHIELDED SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
STB1306 SERIES
2
10
-1
10
10
5
3
10-3
-2
DC CURRENT (A)
0
10
5
310
3 5
-1
5
3
10
5
3
1
100M
0
R49M
3
5
10
5R1M
(uH) 5
3
L
1
10
3
990M
330M
3
5
2
10
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE (PARA)
3
10
5
90
4
3
2
1
0
0
DC CURRENT (A)
12
11
10
9
8
7
6
518
17
16
15
14
13
10
20
30
60
t
(°C)
40
50
140M
70
80
990M 330M
5R1M
R49M
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE (PARA)
-1
DC CURRENT (A)
10
5
3
10-4
10
10
5
33 5
-3
-2
5
3
10
5
3
10
-1
0
101
0
5
3
10
(uH)
5
R49M
3
L
1
10
3
140M
5R1M
3
5
330M
2
10
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE (SER)
3
10
990M
5
90
DC CURRENT (A)
2
1
0
0
6
5
4
310
9
8
7
20
10
30
60
t
40
(°C)
50
70
140M
80
990M
330M
5R1M
R49M
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE (SER)


Número de pieza similar - STB1306670MZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STB13005 STMICROELECTRONICS-STB13005 Datasheet
78Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
STB13005 STMICROELECTRONICS-STB13005 Datasheet
207Kb / 11P
   High voltage fast-switching NPN power transistor
STB13005-1 STMICROELECTRONICS-STB13005-1 Datasheet
78Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
STB13005-1 STMICROELECTRONICS-STB13005-1 Datasheet
272Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
June 2001
STB13005-1 STMICROELECTRONICS-STB13005-1 Datasheet
207Kb / 11P
   High voltage fast-switching NPN power transistor
More results

Descripción similar - STB1306670MZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com