Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74741 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

No. de pieza 74741
Descripción Electrónicos  1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74741 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  74741 Datasheet HTML 1Page - Molex Electronics Ltd. 74741 Datasheet HTML 2Page - Molex Electronics Ltd. 74741 Datasheet HTML 3Page - Molex Electronics Ltd. 74741 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ACTIVE PERFORMANCE SPECIFICATIONS
1000Base-T RJ-45 Gigabit
Ethernet SFP Copper
Transceiver
74741
Module Specifications - Recommended Operating Conditions
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Storage Temperature
Tstg
-40
85
°C
Ambient Operating Temperature
Ta
0
70
°C
Supply Voltage
VDDR, VDDT
3.13
3.3
3.47
Vdc
Vcc-ground
Supply Current
Icc
285
300
mA
Surge Current
Isurge
TBD
mA
Surge above steady
state value
SFP Host Serial Interface (TX/RX)
Data Input/Output Type
LVDS, AC coupled
Impedance (SERDES Interface)
100
ohms
Differential
Transmitter (Input to SFP)
Input Voltage
400
2400
mVpp
Receiver (Output to SERDES)
Output Voltage
875
1525
mVpp
Max Off Voltage
170
mVpp
Rise Time, 20%–80%
100
200
ps
Total Jitter
80
120
ps
Skew
15
30
ps
IMPEDANCE MATCHING AND POWER SUPPLY FILTERING
The SFP transceiver module’s signal inputs/outputs are AC coupled and internally terminated to 100 ohms (TD+, TD-, RD+, RD-). Each leg of the differential pair is equally
matched in length to reduce signal skew.
Figure 2. Recommended Host Board Supply Filtering Network
VccT
VccR
SFP Module
0.1µF
0.1µF
10µF
1.0µH
1.0µH
0.1µF
10µF
3.3V


Número de pieza similar - 74741

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
74741 MOLEX-74741 Datasheet
128Kb / 2P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741-0005 MOLEX11-74741-0005 Datasheet
77Kb / 1P
   1000 BASE-T SFP ADAPTER SALES DRAWING
More results

Descripción similar - 74741

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
74741 MOLEX-74741 Datasheet
128Kb / 2P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74740-0001 MOLEX-74740-0001 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
logo
Finisar Corporation.
FCMJ-8520-3 FINISAR-FCMJ-8520-3 Datasheet
200Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-RJK-01 PULSE-SFPT-RJK-01 Datasheet
163Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Finisar Corporation.
FCLF-8520-3 FINISAR-FCLF-8520-3 Datasheet
134Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-02 BEL-SFP-1GBT-02_12 Datasheet
380Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
logo
Finisar Corporation.
FCLF-8520 FINISAR-FCLF-8520 Datasheet
148Kb / 7P
   1000BASE-T COPPER SFP Optical Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-06 BEL-SFP-1GBT-06_12 Datasheet
381Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
logo
Broadcom Corporation.
BCM5421S BOARDCOM-BCM5421S Datasheet
127Kb / 1P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com