Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSLR-N55BTG4-A0 Datasheet(PDF) 5 Page - China Semiconductor Corporation

No. de pieza CSLR-N55BTG4-A0
Descripción Electrónicos  LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINASEMI [China Semiconductor Corporation]
Página de inicio  
Logo CHINASEMI - China Semiconductor Corporation

CSLR-N55BTG4-A0 Datasheet(HTML) 5 Page - China Semiconductor Corporation

  CSLR-N55BTG4-A0 Datasheet HTML 1Page - China Semiconductor Corporation CSLR-N55BTG4-A0 Datasheet HTML 2Page - China Semiconductor Corporation CSLR-N55BTG4-A0 Datasheet HTML 3Page - China Semiconductor Corporation CSLR-N55BTG4-A0 Datasheet HTML 4Page - China Semiconductor Corporation CSLR-N55BTG4-A0 Datasheet HTML 5Page - China Semiconductor Corporation CSLR-N55BTG4-A0 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
■ Typical Electrical / Optical Charateristics Curves -
(Ta = 25℃
℃ Unless Otherwise Noted)
Fig 6.
Page:
4/5
PS-LL-N55BTG4-A0
A
http://www.csctw.com.tw
Model No:
:CSLR-N55BTG4-A0
Fig 5. Relative Intensity Vs. Wavelength
Relative Luminous Intensity vs.Radiation Angle
Vs. Ambient Temperature
0
25
50
75
100
10
20
30
40
Ambient Temperature Ta (°C)
0
1
2
3
4
5
10
15
20
25
30
Forward Voltage VF (V)
0
5
10
15
20
25
30
25
50
75
100
125
150
Forward Current IF (mA DC)
Forward Voltage (V)
0
25
50
100
75
1
2
3
4
5
6
Fig 1. Forward Current
Vs. Ambient Temperature
Fig 2. Forward Current
Vs. Forward Voltage
Fig 2. Forward Current
Vs. Forward Voltage
Fig 3. Relative Intensity
Vs. Forward Current
Fig 4. Peark Forward Voltage
Vs.Forward Current
Vs. Forward Current
Fig 4. Peark Forward Voltage
Vs.Forward Current
(100us test pulse,1% duty cycle)
500
510
520
530
540
550
560
0
25
50
75
100
Wavelength (nm)


Número de pieza similar - CSLR-N55BTG4-A0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSLR-N55BTG4-B0 CHINASEMI-CSLR-N55BTG4-B0 Datasheet
259Kb / 6P
   LED
More results

Descripción similar - CSLR-N55BTG4-A0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com