Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSLR-U55BHR4-A0 Datasheet(PDF) 3 Page - China Semiconductor Corporation

No. de pieza CSLR-U55BHR4-A0
Descripción Electrónicos  LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINASEMI [China Semiconductor Corporation]
Página de inicio  
Logo CHINASEMI - China Semiconductor Corporation

CSLR-U55BHR4-A0 Datasheet(HTML) 3 Page - China Semiconductor Corporation

  CSLR-U55BHR4-A0 Datasheet HTML 1Page - China Semiconductor Corporation CSLR-U55BHR4-A0 Datasheet HTML 2Page - China Semiconductor Corporation CSLR-U55BHR4-A0 Datasheet HTML 3Page - China Semiconductor Corporation CSLR-U55BHR4-A0 Datasheet HTML 4Page - China Semiconductor Corporation CSLR-U55BHR4-A0 Datasheet HTML 5Page - China Semiconductor Corporation CSLR-U55BHR4-A0 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
■ Absolute Maximum Rating -
(Ta=25℃)
Symbol
Unit
Pd
mW
IF
mA
IFP
mA
VR
V
Topr
Tstg
Tsol
* Pulse width ≦0.1 msec. duty ≦1/10
■ Electro-optical Characteristics
(Ta=25℃)
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-----
2.1
2.6
V
IV
380
700
-----
mcd
λD
-----
625
-----
nm
θ
θ
θ 1/2
-----
70
-----
deg
IR
-----
-----
50
μA
VR=5V
Page:
2/5
Dominant Wavelength
Reverse Current
Peak Forward Current *
100
Max. 260℃
℃ for 5 sec Max.
(3mm from the epoxy body)
Luminous Intensity
Parameter
Lead Soldering Temperature
Forward Voltage
Storage Temp.
PS-LL-U55BHR4-A0
A
Viewing Angle
IF=20mA
Operating Temp.
Power Dissipation
Forward Current (DC)
Reverse Voltage
Model No:
:CSLR-U55BHR4-A0
Parameter
-40 ~ +100
Rating
52
5
http://www.csctw.com.tw
30
-30 ~ +80


Número de pieza similar - CSLR-U55BHR4-A0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSLR-U55BHR4-B0 CHINASEMI-CSLR-U55BHR4-B0 Datasheet
288Kb / 6P
   LED
More results

Descripción similar - CSLR-U55BHR4-A0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com