Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSM-57322M9 Datasheet(PDF) 3 Page - China Semiconductor Corporation

No. de pieza CSM-57322M9
Descripción Electrónicos  3.0Inch Dot-Matrix Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINASEMI [China Semiconductor Corporation]
Página de inicio  
Logo CHINASEMI - China Semiconductor Corporation

CSM-57322M9 Datasheet(HTML) 3 Page - China Semiconductor Corporation

  CSM-57322M9 Datasheet HTML 1Page - China Semiconductor Corporation CSM-57322M9 Datasheet HTML 2Page - China Semiconductor Corporation CSM-57322M9 Datasheet HTML 3Page - China Semiconductor Corporation CSM-57322M9 Datasheet HTML 4Page - China Semiconductor Corporation CSM-57322M9 Datasheet HTML 5Page - China Semiconductor Corporation CSM-57322M9 Datasheet HTML 6Page - China Semiconductor Corporation CSM-57322M9 Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 3.0 inch (76.2mm) Matrix height.
3. RoHs compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Material
Package Dimensions -
Page
1/5
CSM-57312M9
CSM-57322M9
AlGaInP
Anode
Cathode
Super-Bright
Green
http://www.csctw.com.tw
Model No CSM-57312M9/CSM-57322M9
PS-ND-0710
Emitted Color
A
2. Case mold type.
Part No.
Chip
Description
Column
Row
Cathode
Anode


Número de pieza similar - CSM-57322M9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSM-57322A9 CHINASEMI-CSM-57322A9 Datasheet
220Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57322E CHINASEMI-CSM-57322E Datasheet
220Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57322G CHINASEMI-CSM-57322G Datasheet
219Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57322S CHINASEMI-CSM-57322S Datasheet
218Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57322T9 CHINASEMI-CSM-57322T9 Datasheet
221Kb / 6P
   3.0Inch Dot-Matrix Display
More results

Descripción similar - CSM-57322M9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSM-57312T9 CHINASEMI-CSM-57312T9 Datasheet
221Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57312V9 CHINASEMI-CSM-57312V9 Datasheet
215Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57312S CHINASEMI-CSM-57312S Datasheet
218Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57362EG CHINASEMI-CSM-57362EG Datasheet
261Kb / 8P
   3.0Inch Dot-Matrix Display
CSM-57362SG CHINASEMI-CSM-57362SG Datasheet
255Kb / 8P
   3.0Inch Dot-Matrix Display
CSM-57362VM9 CHINASEMI-CSM-57362VM9 Datasheet
248Kb / 8P
   3.0Inch Dot-Matrix Display
CSM-57312E CHINASEMI-CSM-57312E Datasheet
220Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57312G CHINASEMI-CSM-57312G Datasheet
219Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57312A9 CHINASEMI-CSM-57312A9 Datasheet
220Kb / 6P
   3.0Inch Dot-Matrix Display
logo
Marktech Corporate
MTAN1135-ASR MARKTECH-MTAN1135-ASR Datasheet
49Kb / 1P
   DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com