Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSM-88138G Datasheet(PDF) 3 Page - China Semiconductor Corporation

No. de pieza CSM-88138G
Descripción Electrónicos  1.85 Inch 8X8 Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINASEMI [China Semiconductor Corporation]
Página de inicio  
Logo CHINASEMI - China Semiconductor Corporation

CSM-88138G Datasheet(HTML) 3 Page - China Semiconductor Corporation

  CSM-88138G Datasheet HTML 1Page - China Semiconductor Corporation CSM-88138G Datasheet HTML 2Page - China Semiconductor Corporation CSM-88138G Datasheet HTML 3Page - China Semiconductor Corporation CSM-88138G Datasheet HTML 4Page - China Semiconductor Corporation CSM-88138G Datasheet HTML 5Page - China Semiconductor Corporation CSM-88138G Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Internal Circuit Diagrams -
Page
2/5
PS-ND-08090304
A
http://www.csctw.com.tw
Model No CSM-88138G/88148G


Número de pieza similar - CSM-88138G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSM-88138A9 CHINASEMI-CSM-88138A9 Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138E CHINASEMI-CSM-88138E Datasheet
227Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138M9 CHINASEMI-CSM-88138M9 Datasheet
234Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138S CHINASEMI-CSM-88138S Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138T9 CHINASEMI-CSM-88138T9 Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
More results

Descripción similar - CSM-88138G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSM-88138A9 CHINASEMI-CSM-88138A9 Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138M9 CHINASEMI-CSM-88138M9 Datasheet
234Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138V9 CHINASEMI-CSM-88138V9 Datasheet
220Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138E CHINASEMI-CSM-88138E Datasheet
227Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138S CHINASEMI-CSM-88138S Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88138T9 CHINASEMI-CSM-88138T9 Datasheet
225Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
logo
Unity Opto Technology
UVP-2688 UOT-UVP-2688 Datasheet
94Kb / 5P
   1.85 inch ( 47.0mm ) 8X8 DOT MATRIX LED DISPLAY
logo
QT Optoelectronics
GMA46881C QT-GMA46881C Datasheet
195Kb / 5P
   1.85 INCH (47.0mm) 8X8 DOT MATRIX STICK DISPLAY
logo
China Semiconductor Cor...
CSM-88108EG CHINASEMI-CSM-88108EG Datasheet
788Kb / 8P
   1.85 Inch Dot-Matrix Display
CSM-88108VM9 CHINASEMI-CSM-88108VM9 Datasheet
746Kb / 8P
   1.85 Inch Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com