Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4151 Datasheet(PDF) 2 Page - SynSemi, Inc.

No. de pieza 1N4151
Descripción Electrónicos  HIGH SPEED SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNSEMI [SynSemi, Inc.]
Página de inicio  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

1N4151 Datasheet(HTML) 2 Page - SynSemi, Inc.

  1N4151 Datasheet HTML 1Page - SynSemi, Inc. 1N4151 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( 1N4151 )
FIG. 1 MAXIMUM FORWARD CURRENT
FIG. 2 TYPICAL FORWARD VOLTAGE
VERSUS AMBIENT TEMPERATURE
FIG. 3 TYPICAL DIODE CAPACITANCE AS
A FUNCTION OF REVERSE VOLTAGE
Page 2 of 2
Rev. 02 : March 25, 2005
0
10
20
Reverse Voltage , VR (V)
0.4
0.5
1.2
0
0.4
1.2
Forward Voltage , VF (V)
0.01
10
1000
0.1
1
100
0
0
100
200
Ambient Temperature , Ta (
°C)
50
150
0.2
0.6
1.0
1.4
0.6
0.7
0.8
0.9
1.0
100
200
0.8
f = 1MHz;
TJ = 25°C
TJ = 25°C


Número de pieza similar - 1N4151

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diode Semiconductor Kor...
1N4151 DSK-1N4151 Datasheet
309Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
logo
NXP Semiconductors
1N4151 PHILIPS-1N4151 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
logo
National Semiconductor ...
1N4151 NSC-1N4151 Datasheet
138Kb / 1P
   Diode Data
logo
Micro Commercial Compon...
1N4151 MCC-1N4151 Datasheet
391Kb / 4P
   500mW Silicon Switching Diode
logo
Jinan Jing Heng Electro...
1N4151 JINGHENG-1N4151 Datasheet
65Kb / 3P
   Small Signal Switching Diodes
More results

Descripción similar - 1N4151

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com