Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC5618AID Datasheet(PDF) 5 Page - Texas Instruments |
|
TLC5618AID Datasheet(HTML) 5 Page - Texas Instruments |
5 / 26 page TLC5618, TLC5618A PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS SLAS156E – JULY 1997 – REVISED SEPTEMBER 1999 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range, VDD = 5 V ± 5%, Vref(REFIN) = 2.048 V (unless otherwise noted) static DAC specifications PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Resolution 12 bits Integral nonlinearity (INL), end point adjusted Vref(REFIN) = 2.048 V, See Note 1 ±4 LSB Differential nonlinearity (DNL) Vref(REFIN) = 2.048 V, See Note 2 ±0.5 ± 1 LSB EZS Zero-scale error (offset error at zero scale) Vref(REFIN) = 2.048 V, See Note 3 ±12 mV Zero-scale-error temperature coefficient Vref(REFIN) = 2.048 V, See Note 4 3 ppm/ °C EG Gain error Vref(REFIN) = 2.048 V, See Note 5 ±0.29 % of FS voltage Gain error temperature coefficient Vref(REFIN) = 2.048 V, See Note 6 1 ppm/ °C Zero scale Slow 65 PSRR Power-supply rejection ratio Gain See Notes 7 and 8 Slow 65 dB PSRR Power-su ly rejection ratio Zero scale See Notes 7 and 8 Fast 65 dB Gain Fast 65 NOTES: 1. The relative accuracy or integral nonlinearity (INL) sometimes referred to as linearity error, is the maximum deviation of the output from the line between zero and full scale excluding the effects of zero code and full-scale errors. 2. The differential nonlinearity (DNL) sometimes referred to as differential error, is the difference between the measured and ideal 1 LSB amplitude change of any two adjacent codes. Monotonic means the output voltage changes in the same direction (or remains constant) as a change in the digital input code. 3. Zero-scale error is the deviation from zero voltage output when the digital input code is zero. 4. Zero-scale-error temperature coefficient is given by: EZS TC = [EZS (Tmax) – EZS (Tmin)]/Vref × 106/(Tmax – Tmin). 5. Gain error is the deviation from the ideal output (Vref – 1 LSB) with an output load of 10 kΩ excluding the effects of the zero-error. 6. Gain temperature coefficient is given by: EG TC = [EG(Tmax) – EG (Tmin)]/Vref × 106/(Tmax – Tmin). 7. Zero-scale-error rejection ratio (EZS-RR) is measured by varying the VDD from 4.5 V to 5.5 V dc and measuring the proportion of this signal imposed on the zero-code output voltage. 8. Gain-error rejection ratio (EG-RR) is measured by varying the VDD from 4.5 V to 5.5 V dc and measuring the proportion of this signal imposed on the full-scale output voltage after subtracting the zero scale change. OUT A and OUT B output specifications PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VO Voltage output range RL = 10 kΩ 0 VDD–0.4 V Output load regulation accuracy VO(OUT) = 4.096 V, RL = 2 kΩ ±0.29 % of FS voltage IOSC(sink) Output short circuit sink current VO(A OUT) = VDD, VO(B OUT) =VDD Fast 38 mA IOSC(sink) Out ut short circuit sink current VO(B OUT) = VDD, Input code zero Slow 23 mA IOSC(source) Output short circuit source current VO(A OUT) = 0 V, VO(B OUT) =0V Fast –54 mA IOSC(source) Out ut short circuit source current VO(B OUT) = 0 V, Full-scale code Slow –29 mA IO(sink) Output sink current VO(OUT) = 0.25 V 5 mA IO(source) Output source current VO(OUT) = 4.2 V 5 mA |
Número de pieza similar - TLC5618AID |
|
Descripción similar - TLC5618AID |