Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS21PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

No. de pieza BAS21PT
Descripción Electrónicos  FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENMKO [Chenmko Enterprise Co. Ltd.]
Página de inicio  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BAS21PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  BAS21PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BAS21PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* For surface mounted applications
* Low profile package
* Built-in strain relief
* Low power loss, high efficiency
* High current capability, low forward voltage drop
* Power dissipation: 150mW
* Repetitive peak forward surge current: 625mA
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC SOT-23 molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
MECHANICAL DATA
BAS21PT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
FAST SWITCHING DIODE
VOLTAGE RANGE 250 Volts
CURRENT 200 mAmpere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2002-9
Maximum Average Reverse Current
at Ratied DC Blocking Voltage
CHARACTERISTICS
SYMBOL
UNITS
1.00
1.25
@ TA = 25
oC
@ IF = 100 mA
@ IF = 200 mA
@ TJ = 100
oC
100
15
nAmps
uAmps
Volts
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TL = 100
oC
Non-Repetitive Peak Forward Surge Current
Typic Junction Capacitance (Note 2)
Maximum Reverse Recovery Time (Note 3)
SYMBOL
VRRM
VRMS
VDC
IO
CJ
Volts
Maximum Instantaneous Forward Voltage
VF
IR
IFSM
BAS21PT
UNITS
Volts
Volts
Volts
mAmps
200
2.5
0.5
@ t=1.0uS
@ t=1.0S
5.0
50
Amps
pF
nS
Typical Thermal Resistance (Note 1)
Storage and Operating Temperature Range
TJ, TSTG
833
-65 to +150
oC / W
oC
250
BAS21PT
141
200
TRR
R JA
1. Thermal Resistance ( Junction to Lead ) : PC Board Mounted on 0.06 X 0.06" ( 0.15X 0.15mm ) copper pad area.
2. Measured at 1.0 MHZ and applied reverse voltage of 0 volt.
3. IF=IR=30 mA, IRR=0.1XIR, RL=100 ohms
CIRCUIT
MARKING
* A2
(1)
(2)
(3)
SOT-23
Breakdown Voltage(Minimun)
Bv
250
Volts
.103 (2.64)
.028 (0.70)
.020 (0.50)
.055 (1.40)
.047 (1.20)
.045 (1.15)
.033 (0.85)
.086 (2.20)
(1)
(2)
(3)
Dimensions in inches and (millimeters)
SOT-23


Número de pieza similar - BAS21PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BAS21PG NEXPERIA-BAS21PG Datasheet
686Kb / 13P
   Dual isolated high-voltage switching diode
logo
NXP Semiconductors
BAS21PG PHILIPS-BAS21PG_15 Datasheet
250Kb / 13P
   Dual isolated high-voltage switching diode
9 June 2015
More results

Descripción similar - BAS21PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chenmko Enterprise Co. ...
BAS21N1PT CHENMKO-BAS21N1PT Datasheet
88Kb / 2P
   FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAS21BPT CHENMKO-BAS21BPT Datasheet
117Kb / 2P
   FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAS21HPT CHENMKO-BAS21HPT Datasheet
91Kb / 2P
   FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAS21TPT CHENMKO-BAS21TPT Datasheet
72Kb / 2P
   FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAS21WPT CHENMKO-BAS21WPT Datasheet
77Kb / 2P
   FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAV70BPT CHENMKO-BAV70BPT Datasheet
110Kb / 2P
   FAST SWITCHING DIODE VOLTAGE RANGE 100 Volts CURRENT 150 mAmpere
logo
Rectron Semiconductor
BAV19WS RECTRON-BAV19WS Datasheet
141Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere
BAV21W RECTRON-BAV21W Datasheet
153Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 200 Volts CURRENT 200 mAmpere
1N4448WS RECTRON-1N4448WS_08 Datasheet
149Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
1N4448W RECTRON-1N4448W Datasheet
169Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com