Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FP-8998-03-1001JD Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

No. de pieza FP-8998-03-1001JD
Descripción Electrónicos  TaNFilm짰 Precision Flat Pack Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRCTT [IRC - a TT electronics Company.]
Página de inicio  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

FP-8998-03-1001JD Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  FP-8998-03-1001JD Datasheet HTML 1Page - IRC - a TT electronics Company. FP-8998-03-1001JD Datasheet HTML 2Page - IRC - a TT electronics Company. FP-8998-03-1001JD Datasheet HTML 3Page - IRC - a TT electronics Company. FP-8998-03-1001JD Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
FP
8999
03
1001
B
F
Prefix
Model
8987 = 14-pin Flat Pack, schematic B, gold terminations
8987SD = 14-pin Flat Pack, schematic B, 60/40 Sn/Pb terminations
8989 = 14-pin Flat Pack, schematic A, gold terminations
8989SD = 14-pin Flat Pack, schematic A, 60/40 Sn/Pb terminations
8998 = 16-pin Flat Pack, schematic B, gold terminations
8998SD = 16-pin Flat Pack, schematic B, 60/40 Sn/Pb terminations
8999 = 16-pin Flat Pack, schematic A, gold terminations
8999SD = 16-pin Flat Pack, schematic A, 60/40 Sn/Pb terminations
Absolute TCR
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C; 11 = ±15ppm/°C
Resistance
Standard 4-digit MIL resistance code
Example: 1001 = 1000
Ω; 50R0=50Ω
Absolute Tolerance
J = ±5%; G = ±2%; F = ±1.0%; D = ±0.5%; B = ±0.1%
Optional Ratio Tolerance to R
1
F = ±1.0%; D = ±0.5%; C = ±0.25%; B = ±0.1%; A = ±0.05%; Q = ±0.02%; T = ±0.01%
Custom schematics and screening available.
Screening available for non-QPL values and tolerances. Contact factory for ordering information.
Commercial Ordering Data
Prefix
Specification Sheet
03 = 14-pin Flat Pack
10 = 16-pin Flat Pack
15 = 14-pin HI REL Flat Pack
Characteristic
M, K, H
Resistance
Standard 4-digit MIL resistance code
Example: 1001 = 1000
Ω; 50R0=50Ω
Absolute Tolerance
J = ±5%; G = ±2%; F = ±1.0%; D = ±0.5%; B = ±0.1%
Schematic
A = Isolated; B = Bussed Schematic
Standard lead termination is gold plate.
Contact factory for optional 60/40 Sn/Pb solder dip finish.
MIL Screened Ordering Data
(MIL-PRF-83401)
M83401
03
K
1001
F
A
TaNFilm® Precision
Flat Pack Networks
8900 Series Issue April 2009 Sheet 3 of 4


Número de pieza similar - FP-8998-03-1001JD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IRC - a TT electronics ...
FP-8998SQ-04-1001-BB-1 IRCTT-FP-8998SQ-04-1001-BB-1 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8998SQ-04-1001-BD-1 IRCTT-FP-8998SQ-04-1001-BD-1 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8998SQ-04-1001-BF-0 IRCTT-FP-8998SQ-04-1001-BF-0 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8998SQ-04-1001-BG-0 IRCTT-FP-8998SQ-04-1001-BG-0 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8998SQ-04-1001-FB-1 IRCTT-FP-8998SQ-04-1001-FB-1 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
More results

Descripción similar - FP-8998-03-1001JD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TT Electronics.
8900 TTELEC-8900_17 Datasheet
568Kb / 4P
   Flat Pack Networks
logo
Welwyn Components Limit...
SON WELWYN-SON Datasheet
351Kb / 3P
   TaNFilm짰 Flat Precision Resistor Array
logo
IRC - a TT electronics ...
1900HT IRCTT-1900HT Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
logo
Welwyn Components Limit...
PFC WELWYN-PFC Datasheet
67Kb / 2P
   TaNFilm짰 Precision Chip Resistors
logo
Vishay Siliconix
DFP14121K00GD05 VISHAY-DFP14121K00GD05 Datasheet
275Kb / 3P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
DFP14 VISHAY-DFP14 Datasheet
117Kb / 2P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
logo
RHOPOINT COMPONENTS
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
   Precision Resistor Networks
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
logo
Riedon Powertron
FPN3-4916 RIEDON-FPN3-4916 Datasheet
493Kb / 5P
   FPN FHN Networks Precision Shunt Networks
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com