Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC856BWT1 Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza BC856BWT1
Descripción Electrónicos  CASE 419-02, STYLE 3 SOT-323/SC-70
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC856BWT1 Datasheet(HTML) 3 Page - Motorola, Inc

  BC856BWT1 Datasheet HTML 1Page - Motorola, Inc BC856BWT1 Datasheet HTML 2Page - Motorola, Inc BC856BWT1 Datasheet HTML 3Page - Motorola, Inc BC856BWT1 Datasheet HTML 4Page - Motorola, Inc BC856BWT1 Datasheet HTML 5Page - Motorola, Inc BC856BWT1 Datasheet HTML 6Page - Motorola, Inc BC856BWT1 Datasheet HTML 7Page - Motorola, Inc BC856BWT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BC856AWT1,BWT1 BC857AWT1,BWT1 BC858AWT1,BWT1,CWT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
BC857/BC858
Figure 1. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 2. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
–0.2
0.2
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
–0.6
–0.7
–0.8
–0.9
–1.0
–0.5
0
–0.2
–0.4
–0.1
–0.3
1.6
1.2
2.0
2.8
2.4
–1.2
–1.6
–2.0
–0.02
–1.0
–10
0
–20
–0.1
–0.4
–0.8
1.5
1.0
0.7
0.5
0.3
–0.2
–10
–100
–1.0
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = –10 V
VCE = –10 V
TA = 25°C
–55
°C to +125°C
IC = –100 mA
IC = –20 mA
–0.5 –1.0
–2.0
–5.0 –10
–20
–50
–100 –200
–0.1 –0.2
–0.5
–1.0
–2.0
–5.0
–10
–20
–50
–100
IC = –200 mA
IC = –50 mA
IC =
–10 mA
Figure 5. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 6. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
–0.4
1.0
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
–0.5
TA = 25°C
Cob
Cib
–0.6
–1.0
–2.0
–4.0 –6.0
–10
–20 –30 –40
150
–1.0
–2.0 –3.0
–5.0
–10
–20
–30
–50
VCE = –10 V
TA = 25°C
TA = 25°C
1.0


Número de pieza similar - BC856BWT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BC856BWT1 ONSEMI-BC856BWT1 Datasheet
178Kb / 8P
   General Purpose Transistors(PNP Silicon)
logo
Leshan Radio Company
BC856BWT1 LRC-BC856BWT1 Datasheet
217Kb / 5P
   General Purpose Transistors(PNP Silicon)
logo
ON Semiconductor
BC856BWT1G ONSEMI-BC856BWT1G Datasheet
194Kb / 6P
   General Purpose Transistors
November, 2011 ??Rev. 3
BC856BWT1G ONSEMI-BC856BWT1G Datasheet
84Kb / 6P
   General Purpose Transistors
April, 2015 ??Rev. 4
More results

Descripción similar - BC856BWT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BC846AWT1 MOTOROLA-BC846AWT1 Datasheet
207Kb / 6P
   CASE 419-02, STYLE 3 SOT-323/SC-70
BAS16WT1 MOTOROLA-BAS16WT1 Datasheet
98Kb / 6P
   CASE 419-02, STYLE 2 SC-70/SOT-323
BAV70WT1 MOTOROLA-BAV70WT1 Datasheet
99Kb / 6P
   CASE 419-02, STYLE 5 SC-70/SOT-323
BAV99WT1 MOTOROLA-BAV99WT1 Datasheet
128Kb / 6P
   SC-70/SOT-323 Dual Series Switching Diode
logo
Agilent(Hewlett-Packard...
HSMP-381B HP-HSMP-381B Datasheet
91Kb / 12P
   Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
logo
Motorola, Inc
DTC114YE MOTOROLA-DTC114YE Datasheet
144Kb / 6P
   CASE 463-01, STYLE 1 SOT-416/SC-90
DTA143EE MOTOROLA-DTA143EE Datasheet
93Kb / 4P
   CASE 463-01, STYLE 1 SOT-416/SC-90
DTC114TE MOTOROLA-DTC114TE Datasheet
91Kb / 4P
   CASE 463-01, STYLE 1 SOT-416/SC-90
logo
ON Semiconductor
MMBF2201NT1 ONSEMI-MMBF2201NT1_06 Datasheet
57Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
January, 2006 ??Rev. 4
MMBF2201NT1 ONSEMI-MMBF2201NT1 Datasheet
60Kb / 8P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
November, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com