Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U06P40PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

No. de pieza U06P40PT
Descripción Electrónicos  SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENMKO [Chenmko Enterprise Co. Ltd.]
Página de inicio  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

U06P40PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  U06P40PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. U06P40PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( U06P20PT THRU U06P40PT )
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARCTERISTICS
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
CASE TEMPERATURE, (
oC )
NUMBER OF CYCLES AT 60HZ
8.0
120
100
40
60
80
20
0
100
10
1.0
0.1
6.0
4.0
2.0
0
0.1
1.0
10
100
120
INSTANTANEOUS FORWARD VOLTAGE, (V)
0
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
0
20
40
60
80
100
140
0
25
50
75
100
125
150
0
2
4
6
8 10
20
40
60
100
TJ = 25
oC
U06P30PT&40PT
U06P20PT
TJ = 25
oC
TJ = 75
oC
Single
Half Wave 60HZ
Resistive or
Inductive Load
8.3 ms Single Half
Sine-Wave (JEDEC Method)
PULSE WIDTH=300uS
1% DUTY CYCLE
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
10
100
1000
.1
.4
1.0
4
10
40
80
TJ =25
oC


Número de pieza similar - U06P40PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
U060-000-KP-BK TRIPPLITE-U060-000-KP-BK Datasheet
170Kb / 2P
   USB 2.0 All-in-One Keystone/Panel Mount Coupler (F/F), Black
U060-000-KP-WH TRIPPLITE-U060-000-KP-WH Datasheet
158Kb / 3P
   USB 2.0 All-in-One Keystone/Panel Mount Coupler (F/F), White
U060-000-KPA-BK TRIPPLITE-U060-000-KPA-BK Datasheet
167Kb / 2P
   USB 2.0 All-in-One Keystone/Panel Mount Angled Coupler (F/F), Black
U060-000-KPA-WH TRIPPLITE-U060-000-KPA-WH Datasheet
158Kb / 3P
   USB 2.0 All-in-One Keystone/Panel Mount Angled Coupler (F/F), White
U060-001-KPA-BK TRIPPLITE-U060-001-KPA-BK Datasheet
165Kb / 3P
   USB 2.0 All-in-One Keystone/Panel Mount Coupler Cable (F/F), Angled Connector, Black, 1 ft.
More results

Descripción similar - U06P40PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CHENG-YI ELECTRONIC CO....
SSF161 CHENG-YI-SSF161 Datasheet
166Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
TRANSYS Electronics Lim...
85HFL TEL-85HFL Datasheet
201Kb / 1P
   Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
SF11 MIC-SF11 Datasheet
56Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
SF51 CHONGQING-SF51 Datasheet
39Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
logo
Chenmko Enterprise Co. ...
U16P20PT CHENMKO-U16P20PT Datasheet
68Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
U16U10PT CHENMKO-U16U10PT Datasheet
109Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
SF101 GOOD-ARK-SF101 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com