Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCW61CLT1 Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza BCW61CLT1
Descripción Electrónicos  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCW61CLT1 Datasheet(HTML) 3 Page - Motorola, Inc

  BCW61CLT1 Datasheet HTML 1Page - Motorola, Inc BCW61CLT1 Datasheet HTML 2Page - Motorola, Inc BCW61CLT1 Datasheet HTML 3Page - Motorola, Inc BCW61CLT1 Datasheet HTML 4Page - Motorola, Inc BCW61CLT1 Datasheet HTML 5Page - Motorola, Inc BCW61CLT1 Datasheet HTML 6Page - Motorola, Inc BCW61CLT1 Datasheet HTML 7Page - Motorola, Inc BCW61CLT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BCW61BLT1 BCW61CLT1 BCW61DLT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL NOISE CHARACTERISTICS
(VCE = –5.0 Vdc, TA = 25°C)
Figure 1. Noise Voltage
f, FREQUENCY (Hz)
5.0
7.0
10
3.0
Figure 2. Noise Current
f, FREQUENCY (Hz)
1.0
10
20
50
100
200
500
1.0 k
2.0 k
5.0 k
10 k
1.0
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.1
BANDWIDTH = 1.0 Hz
RS ≈ 0
IC = 10 µA
100
µA
30
µA
BANDWIDTH = 1.0 Hz
RS ≈ ∞
IC = 1.0 mA
300
µA
100
µA
30
µA
10
µA
10
20
50
100
200
500
1.0 k 2.0 k
5.0 k
10 k
2.0
1.0 mA
0.2
300
µA
NOISE FIGURE CONTOURS
(VCE = –5.0 Vdc, TA = 25°C)
500 k
100
200
500
1.0 k
10 k
5.0 k
20 k
50 k
100 k
200 k
2.0 k
1.0 M
500 k
100
200
500
1.0 k
10 k
5.0 k
20 k
50 k
100 k
200 k
2.0 k
1.0 M
Figure 3. Narrow Band, 100 Hz
IC, COLLECTOR CURRENT (µA)
Figure 4. Narrow Band, 1.0 kHz
IC, COLLECTOR CURRENT (µA)
10
0.5 dB
BANDWIDTH = 1.0 Hz
Figure 5. Wideband
IC, COLLECTOR CURRENT (µA)
10
10 Hz to 15.7 kHz
Noise Figure is Defined as:
NF
+ 20 log10
en2 ) 4KTRS ) In
2RS2
4KTRS
1 2
= Noise Voltage of the Transistor referred to the input. (Figure 3)
= Noise Current of the Transistor referred to the input. (Figure 4)
= Boltzman’s Constant (1.38 x 10–23 j/
°K)
= Temperature of the Source Resistance (
°K)
= Source Resistance (Ohms)
en
In
K
T
RS
1.0 dB
2.0 dB
3.0 dB
20
30
50 70 100
200 300
500 700 1.0 k
10
20
30
50 70 100
200 300
500 700 1.0 k
500 k
100
200
500
1.0 k
10 k
5.0 k
20 k
50 k
100 k
200 k
2.0 k
1.0 M
20
30
50
70
100
200 300
500 700 1.0 k
BANDWIDTH = 1.0 Hz
5.0 dB
0.5 dB
1.0 dB
2.0 dB
3.0 dB
5.0 dB
0.5 dB
1.0 dB
2.0 dB
3.0 dB
5.0 dB


Número de pieza similar - BCW61CLT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
BCW61CLT1 LRC-BCW61CLT1 Datasheet
258Kb / 6P
   General Purpose Transistors(PNP Silicon)
More results

Descripción similar - BCW61CLT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com