Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA302 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA302
Descripción Electrónicos  300-mW STEREO AUDIO POWER AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA302 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA302 Datasheet HTML 6Page - Texas Instruments TPA302 Datasheet HTML 7Page - Texas Instruments TPA302 Datasheet HTML 8Page - Texas Instruments TPA302 Datasheet HTML 9Page - Texas Instruments TPA302 Datasheet HTML 10Page - Texas Instruments TPA302 Datasheet HTML 11Page - Texas Instruments TPA302 Datasheet HTML 12Page - Texas Instruments TPA302 Datasheet HTML 13Page - Texas Instruments TPA302 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TPA302
300-mW STEREO AUDIO POWER AMPLIFIER
SLOS174B – JANUARY 1997 – REVISE MARCH 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 23
1
0.1
0.010
10
0.01
0.1
1
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
VCC = 3.3 V
f = 1 kHz
RL = 32 Ω
AV = –1 V/V
PO – Output Power – W
VO1
VO2
Figure 24
1
0.1
0.010
10
0.01
0.1
1
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
VCC = 3.3 V
f = 20 kHz
RL = 32 Ω
AV = –1 V/V
PO – Output Power – W
VO1
VO2
Figure 25
3
2.5
1.5
1
2.5
3
3.5
4
3.5
4.5
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
5
4.5
5
5.5
4
2
TA = 25°C
VDD – Supply Voltage – V
Figure 26
4
3
1
0
–50
–25
0
25
5
SUPPLY CURRENT DISTRIBUTION
vs
FREE-AIR TEMPERATURE
50
75
100
6
2
TA – Free-Air Temperature – °C
Min
Min
Min
Min
Min
Min
Max
Max
Max
Typ
Typ
Typ
Typ
Typ
Typ
3.3 V
3.3 V
3.3 V
5 V
5 V
5 V
Max
Max
Max


Número de pieza similar - TPA302

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA302 TI-TPA302 Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA302D TI-TPA302D Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA302DG4 TI-TPA302DG4 Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA302DR TI-TPA302DR Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA302DRG4 TI-TPA302DRG4 Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA302

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA302 TI-TPA302_07 Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA152 TI-TPA152_15 Datasheet
803Kb / 19P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com