Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCW69LT1 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza BCW69LT1
Descripción Electrónicos  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCW69LT1 Datasheet(HTML) 1 Page - Motorola, Inc

  BCW69LT1 Datasheet HTML 1Page - Motorola, Inc BCW69LT1 Datasheet HTML 2Page - Motorola, Inc BCW69LT1 Datasheet HTML 3Page - Motorola, Inc BCW69LT1 Datasheet HTML 4Page - Motorola, Inc BCW69LT1 Datasheet HTML 5Page - Motorola, Inc BCW69LT1 Datasheet HTML 6Page - Motorola, Inc BCW69LT1 Datasheet HTML 7Page - Motorola, Inc BCW69LT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
General Purpose Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
–45
Vdc
Emitter–Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–100
mAdc
DEVICE MARKING
BCW69LT1 = H1; BCW70LT1 = H2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board (1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
R
θJA
556
°C/W
Total Device Dissipation
Alumina Substrate, (2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
R
θJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (IC = –2.0 mAdc, IB = 0)
V(BR)CEO
–45
Vdc
Collector–Emitter Breakdown Voltage (IC = –100 µAdc, VEB = 0)
V(BR)CES
–50
Vdc
Emitter–Base Breakdown Voltage (IE = –10 µAdc, IC = 0)
V(BR)EBO
–5.0
Vdc
Collector Cutoff Current
(VCB = –20 Vdc, IE = 0)
(VCB = –20 Vdc, IE = 0, TA = 100°C)
ICBO
–100
–10
nAdc
µAdc
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina
Thermal Clad is a trademark of the Bergquist Company
Order this document
by BCW69LT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BCW69LT1
BCW70LT1
1
2
3
CASE 318 – 08, STYLE 6
SOT– 23 (TO – 236AB)
© Motorola, Inc. 1996
COLLECTOR
3
1
BASE
2
EMITTER


Número de pieza similar - BCW69LT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
BCW69LT1 LRC-BCW69LT1 Datasheet
254Kb / 6P
   General Purpose Transistors(PNP Silicon)
logo
WILLAS ELECTRONIC CORP
BCW69LT1 WILLAS-BCW69LT1 Datasheet
417Kb / 7P
   General Purpose Transistors
logo
ON Semiconductor
BCW69LT1 ONSEMI-BCW69LT1 Datasheet
223Kb / 8P
   General Purpose Transistors
August, 2006 ??Rev. 2
More results

Descripción similar - BCW69LT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com