Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2043D Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPS2043D
Descripción Electrónicos  TRIPLE POWER-DISTRIBUTION SWITCHES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2043D Datasheet(HTML) 4 Page - Texas Instruments

  TPS2043D Datasheet HTML 1Page - Texas Instruments TPS2043D Datasheet HTML 2Page - Texas Instruments TPS2043D Datasheet HTML 3Page - Texas Instruments TPS2043D Datasheet HTML 4Page - Texas Instruments TPS2043D Datasheet HTML 5Page - Texas Instruments TPS2043D Datasheet HTML 6Page - Texas Instruments TPS2043D Datasheet HTML 7Page - Texas Instruments TPS2043D Datasheet HTML 8Page - Texas Instruments TPS2043D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS2043, TPS2053
TRIPLE POWER-DISTRIBUTION SWITCHES
SLVS191 – JANUARY 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
power switch
The power switch is an N-channel MOSFET with a maximum on-state resistance of 135 m
Ω (VI(INx) = 5 V).
Configured as a high-side switch, the power switch prevents current flow from OUTx to INx and INx to OUTx
when disabled. The power switch supplies a minimum of 500 mA per switch.
charge pump
An internal charge pump supplies power to the driver circuit and provides the necessary voltage to pull the gate
of the MOSFET above the source. The charge pump operates from input voltages as low as 2.7 V and requires
very little supply current.
driver
The driver controls the gate voltage of the power switch. To limit large current surges and reduce the associated
electromagnetic interference (EMI) produced, the driver incorporates circuitry that controls the rise times and
fall times of the output voltage. The rise and fall times are typically in the 2-ms to 4-ms range.
enable (ENx or ENx)
The logic enable disables the power switch and the bias for the charge pump, driver, and other circuitry to reduce
the supply current to less than 20
µA when a logic high is present on ENx (TPS2043) or a logic low is present
on ENx (TPS2053). A logic zero input on ENx or logic high on ENx restores bias to the drive and control circuits
and turns the power on. The enable input is compatible with both TTL and CMOS logic levels.
overcurrent (OCx)
The OCx open-drain output is asserted (active low) when an overcurrent or overtemperature condition is
encountered. The output will remain asserted until the overcurrent or overtemperature condition is removed.
current sense
A sense FET monitors the current supplied to the load. The sense FET measures current more efficiently than
conventional resistance methods. When an overload or short circuit is encountered, the current-sense circuitry
sends a control signal to the driver. The driver in turn reduces the gate voltage and drives the power FET into
its saturation region, which switches the output into a constant current mode and holds the current constant
while varying the voltage on the load.
thermal sense
The TPS2043 and TPS2053 implement a dual-threshold thermal trip to allow fully independent operation of the
power distribution switches. In an overcurrent or short-circuit condition the junction temperature rises. When
the die temperature rises to approximately 140
°C, the internal thermal sense circuitry checks to determine which
power switch is in an overcurrent condition and turns off that switch, thus isolating the fault without interrupting
operation of the adjacent power switch. Hysteresis is built into the thermal sense, and after the device has cooled
approximately 20 degrees, the switch turns back on. The switch continues to cycle off and on until the fault is
removed. The (OCx) open-drain output is asserted (active low) when overtemperature or overcurrent occurs.
undervoltage lockout
A voltage sense circuit monitors the input voltage. When the input voltage is below approximately 2 V, a control
signal turns off the power switch.


Número de pieza similar - TPS2043D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2043DR TI1-TPS2043DR Datasheet
611Kb / 28P
[Old version datasheet]   TRIPLE POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2043D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2043 TI1-TPS2043_14 Datasheet
611Kb / 28P
[Old version datasheet]   TRIPLE POWER-DISTRIBUTION SWITCHES
TPS2047 TI-TPS2047 Datasheet
420Kb / 24P
[Old version datasheet]   TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047 TI1-TPS2047_14 Datasheet
597Kb / 27P
[Old version datasheet]   TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com