Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2020P Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS2020P
Descripción Electrónicos  POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2020P Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2020P Datasheet HTML 4Page - Texas Instruments TPS2020P Datasheet HTML 5Page - Texas Instruments TPS2020P Datasheet HTML 6Page - Texas Instruments TPS2020P Datasheet HTML 7Page - Texas Instruments TPS2020P Datasheet HTML 8Page - Texas Instruments TPS2020P Datasheet HTML 9Page - Texas Instruments TPS2020P Datasheet HTML 10Page - Texas Instruments TPS2020P Datasheet HTML 11Page - Texas Instruments TPS2020P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TPS2020, TPS2021, TPS2022, TPS2023, TPS2024
POWER-DISTRIBUTION SWITCHES
SLVS175A – DECEMBER 1998 – REVISED NOVEMBER 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 2. Turnon Delay and Rise Time
2
46
8
10
12
14
16
18
20
t – Time – ms
0
VIN = 5 V
RL = 27 Ω
TA = 25°C
VO(OUT) (2 V/div)
VI(EN)
VO(OUT)
VI(EN) (5 V/div)
Figure 3. Turnoff Delay and Fall Time
2
4
6
8
10
12
14
16
18
20
t – Time – ms
VI(EN) (5 V/div)
0
VI(IN) = 5 V
RL = 27 Ω
TA = 25°C
VO(OUT) (2 V/div)
VI(EN)
VO(OUT)
Figure 4. Turnon Delay and Rise Time
With 1-
µF Load
2
4
6
8
101214
16
18
20
t – Time – ms
VI(EN) (5 V/div)
0
VI(IN) = 5 V
CL = 1 µF
RL = 27 Ω
TA = 25°C
VO(OUT) (2 V/div)
VI(EN)
VO(OUT)
Figure 5. Turnoff Delay and Fall Time
With 1-
µF Load
2
46
8
10
12
14
16
18
20
t – Time – ms
VI(EN) (5 V/div)
0
VI(IN) = 5 V
CL = 1 µF
RL = 27 Ω
TA = 25°C
VO(OUT) (2 V/div)
VI(EN)
VO(OUT)


Número de pieza similar - TPS2020P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2020-Q1 TI-TPS2020-Q1 Datasheet
449Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2020-Q1 TI1-TPS2020-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2020-Q1 TI1-TPS2020-Q1_14 Datasheet
1Mb / 27P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2020D TI1-TPS2020D Datasheet
812Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2020DG4 TI1-TPS2020DG4 Datasheet
812Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2020P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com