Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2103 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2103
Descripción Electrónicos  VAUX POWER-DISTRIBUTION SWITCHES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2103 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2103 Datasheet HTML 3Page - Texas Instruments TPS2103 Datasheet HTML 4Page - Texas Instruments TPS2103 Datasheet HTML 5Page - Texas Instruments TPS2103 Datasheet HTML 6Page - Texas Instruments TPS2103 Datasheet HTML 7Page - Texas Instruments TPS2103 Datasheet HTML 8Page - Texas Instruments TPS2103 Datasheet HTML 9Page - Texas Instruments TPS2103 Datasheet HTML 10Page - Texas Instruments TPS2103 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TPS2102, TPS2103
VAUX POWER-DISTRIBUTION SWITCHES
SLVS234A – SEPTEMBER 1999 – REVISED APRIL 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tPLH
tPHL
EN or EN
VO
EN or EN
VO
50%
10%
VI
GND
GND
VI
90%
50%
90%
10%
VO
GND
VI
tr
tf
Propagation Delay Time, Low-to-High-Level Output
Propagation Delay Time, High-to–Low-Level Output
Rise/Fall Time
ton
toff
EN or EN
VO
EN or EN
VO
50%
10%
VI
GND
GND
VI
90%
50%
Turn-on Transition Time
Turn-off Transition Time
WAVEFORMS
OUT
CL
IO
LOAD CIRCUIT
Figure 3. Test Circuit and Voltage Waveforms
Table of Timing Diagrams
FIGURE
Propagation Delay and Rise Time With 0.1-
µF Load, IN1
4
Propagation Delay and Rise Time With 0.1-
µF Load, IN2
5
Propagation Delay and Fall Time With 0.1-
µF Load, IN1
6
Propagation Delay and Fall Time With 0.1-
µF Load, IN2
7
Propagation Delay and Rise Time With 1-
µF Load, IN1
8
Propagation Delay and Rise Time With 1-
µF Load, IN2
9
Propagation Delay and Fall Time With 1-
µF Load, IN1
10
Propagation Delay and Fall Time With 1-
µF Load, IN2
11
† Waveforms shown in Figures 4–11 refer to TPS2102 at TJ = 25°C


Número de pieza similar - TPS2103

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2103 TI1-TPS2103 Datasheet
462Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2103DBVR TI1-TPS2103DBVR Datasheet
462Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2103DBVRG4 TI1-TPS2103DBVRG4 Datasheet
462Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2103DBVT TI1-TPS2103DBVT Datasheet
462Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2103DBVTG4 TI1-TPS2103DBVTG4 Datasheet
462Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2103

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2100 TI-TPS2100 Datasheet
299Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104 TI-TPS2104 Datasheet
240Kb / 16P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104DBVR TI-TPS2104DBVR Datasheet
437Kb / 19P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2105-EP TI1-TPS2105-EP Datasheet
1Mb / 24P
[Old version datasheet]   TPS2105-EP VAUX Power-Distribution Switch
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com