Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2100D Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS2100D
Descripción Electrónicos  VAUX POWER-DISTRIBUTION SWITCHES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2100D Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2100D Datasheet HTML 7Page - Texas Instruments TPS2100D Datasheet HTML 8Page - Texas Instruments TPS2100D Datasheet HTML 9Page - Texas Instruments TPS2100D Datasheet HTML 10Page - Texas Instruments TPS2100D Datasheet HTML 11Page - Texas Instruments TPS2100D Datasheet HTML 12Page - Texas Instruments TPS2100D Datasheet HTML 13Page - Texas Instruments TPS2100D Datasheet HTML 14Page - Texas Instruments TPS2100D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TPS2100, TPS2101
VAUX POWER-DISTRIBUTION SWITCHES
SLVS197C – JUNE 1999 – REVISED APRIL 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
100
10
1
0.01
0.1
1
10
1000
IN1 SWITCH FALL TIME
vs
OUTPUT CURRENT
10000
100
1000
CL = 100 µF
CL = 47 µF
CL = 10 µF
CL = 1 µF
CL = 0.1 µF
IO – Output Current – mA
VI(IN1) = 3.3 V
VI(IN2) = 0 V
TJ = 25°C
Figure 15
10
1
0.1
0.01
0.1
100
IN2 SWITCH FALL TIME
vs
OUTPUT CURRENT
1000
110
CL = 100 µF
CL = 10 µF
CL = 1 µF
CL = 0.1 µF
IO – Output Current – mA
VI(IN1) = 0 V
VI(IN2) = 3.3 V
TJ = 25°C
CL = 47 µF
Figure 16
0.4
0.2
0
0.01
0.1
0.6
0.8
1
110
OUTPUT VOLTAGE DROOP
vs
OUTPUT CURRENT WHEN OUTPUT
IS SWITCHED FROM IN2 TO IN1
CL = 100 µF
CL = 10 µF
CL = 1 µF
CL = 0.1 µF
IO – Output Current – mA
VI(IN1) = 3.3 V
VI(IN2) = 3.3 V
TJ = 25°C
CL = 47 µF
Figure 17
1
0.6
0.2
0
0
100
200
300
1.2
1.4
INRUSH CURRENT
vs
OUTPUT CAPACITANCE
1.6
400
500
0.8
0.4
Co – Output Capacitance – µF
VI(IN1) = 3.3 V
VI(IN2) = 0 V
RL = 6.6 Ω
TJ = 25°C


Número de pieza similar - TPS2100D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2100DBVR TI1-TPS2100DBVR Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2100DBVRG4 TI1-TPS2100DBVRG4 Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2100DBVT TI1-TPS2100DBVT Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2100DBVTG4 TI1-TPS2100DBVTG4 Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2100D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2102 TI-TPS2102 Datasheet
265Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104 TI-TPS2104 Datasheet
240Kb / 16P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104DBVR TI-TPS2104DBVR Datasheet
437Kb / 19P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2105-EP TI1-TPS2105-EP Datasheet
1Mb / 24P
[Old version datasheet]   TPS2105-EP VAUX Power-Distribution Switch
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com