Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2301PW Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS2301PW
Descripción Electrónicos  DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2301PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2301PW Datasheet HTML 3Page - Texas Instruments TPS2301PW Datasheet HTML 4Page - Texas Instruments TPS2301PW Datasheet HTML 5Page - Texas Instruments TPS2301PW Datasheet HTML 6Page - Texas Instruments TPS2301PW Datasheet HTML 7Page - Texas Instruments TPS2301PW Datasheet HTML 8Page - Texas Instruments TPS2301PW Datasheet HTML 9Page - Texas Instruments TPS2301PW Datasheet HTML 10Page - Texas Instruments TPS2301PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TPS2300, TPS2301
DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT
CIRCUIT BREAKER AND POWER-GOOD REPORTING
SLVS265B – FEBRUARY 2000 – REVISED APRIL 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating temperature range (–40
°C < TA < 85°C),
3 V
≤ VI(IN1) ≤13 V, 3 V ≤ VI(IN2) ≤ 5.5 V (unless otherwise noted) (continued)
VREG UVLO
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOT(UVLOstart)
Output threshold voltage, start
2.75
2.85
2.95
V
VOT(UVLOstop)
Output threshold voltage, stop
2.65
2.78
V
Vhys(UVLO)
Hysteresis
50
75
mV
UVLO sink current, GATEx
VI(GATEx) = 2 V
10
mA
PWRGD1 and PWRGD2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT(ISENSEx)
Trip threshold, VSENSEx
VI(VSENSEx) decreasing
1.2
1.225
1.25
V
Vhys
Hysteresis voltage, power-good
comparator
20
30
40
mV
VO(sat)(PWRGDx)
Output saturation voltage PWRGDx
IO = 2 mA
0.2
0.4
V
VO(VREGmin)
Minimum VO(VREG) for valid power-good
IO = 100 µA, VO(PWRGDx) = 1 V
1
V
IIB
Input bias current, power-good comparator
VI(VSENSEx) = 5.5 V
1
µA
Ilkg(PWRGDx)
Leakage current, PWRGDx
VO(PWRGDx) = 13 V
1
µA
tdr
Delay time, rising edge, PWRGDx
VI(VSENSEx) increasing,
Overdrive = 20 mV, tr = 100 ns,
See Note 2
25
µs
tdf
Delay time, falling edge, PWRGDx
VI(VSENSEx) decreasing,
Overdrive = 20 mV, tr = 100 ns,
See Note 2
2
µs
NOTE 2: Specified, but not production tested.
FAULT output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO(sat)(FAULT)
Output saturation voltage, FAULT
IO = 2 mA
0.4
V
Ilkg(FAULT)
Leakage current, FAULT
VO(FAULT) = 13 V
1
µA
DISCH1 and DISCH2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDISCH
Discharge current, DISCHx
VI(DISCHx) = 1.5 V, VI(VIN1) = 5 V
5
10
mA
VIH(DISCH)
Discharge on high-level input voltage
2
V
VIL(DISCH)
Discharge on low-level input voltage
1
V


Número de pieza similar - TPS2301PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2301IPW TI-TPS2301IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2301IPW TI-TPS2301IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2301IPW TI1-TPS2301IPW Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2301IPWG4 TI1-TPS2301IPWG4 Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2301IPWR TI1-TPS2301IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
More results

Descripción similar - TPS2301PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2331ID TI-TPS2331ID Datasheet
951Kb / 25P
[Old version datasheet]   SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com