Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK404-230-E Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza STK404-230-E
Descripción Electrónicos  One-Channel Class AB Audio Power Amplifier IC 100W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK404-230-E Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button STK404-230-E Datasheet HTML 4Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 5Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 6Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 7Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 8Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 9Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 10Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 11Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STK404-230-E
No. A1244-11/12
Pre-VCC Limiting Circuit (STK404-230-E)
The
±Pre voltages can be limited under maximum rated conditions (±63V) as shown below.
Sample Circuit
*1 Metal Plate Cement Resistor 0.22
Ω±10%(5W)
External Component Examples (at Ta=50
°C)
[Conditions]
Limiting voltage =
±56V
VCC max = ±80V
Ambient temperature = 50
°C
TR1
: 2SD863, SANYO
TR2
: 2SB764, SANYO
ZD
: MAZ7560 (Vz=56V), Panasonic
R1, R3
: 5.6k
Ω
R2, R4
: 22
Ω
*
±pre current = 25mA (max.)
* The external components should be selected according to the conditions of the product incorporating the HIC.
STK404-230-E
13
12
11
10
9
8
7
6
5
4
3
2
1
Standby
GND
OUT
ERROR
OC
-Pre
-VCC +VCC
OUT+
OUT-
+Pre
SUB
/GND
IN
NF
ST
BY
0.22
Ω *1
56k
Ω
3pF
100pF
1.8k
Ω
10
μF
/10V
GND
IN
C16
56k
Ω
470pF
1k
Ω
R30
3
μH
4.7
Ω
4.7
Ω
0.1
μF
DC
GND
+VCC
-VCC
100
μF
/100V
100
Ω
/1W
ERROR
OC
DC
Open collector output
H: Operation
L: Error
H: Operating
L: Standby/error reset
TR1
TR2
ZD
ZD
R1
R3
R4
R2
100
μF
/100V
100
μF
/100V
100
μF
/100V
100
Ω
/1W


Número de pieza similar - STK404-230-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
More results

Descripción similar - STK404-230-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
Sanyo Semicon Device
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK402-070 SANYO-STK402-070 Datasheet
64Kb / 6P
   Two-Channel Class AB Audio Power Amplifier IC 40W 40W
logo
List of Unclassifed Man...
PA2030A ETC1-PA2030A Datasheet
522Kb / 1P
   AB Class Audio Power Amplifier, MOSFET IC Power Amp
logo
Sanyo Semicon Device
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com