Nombre de pieza
         Descripción
BD157

 Plastic Medium Power NPN Silicon Transistor ( 4 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 3 page
background image
BD157 BD158 BD159
3
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS
CASE 77–08
TO–225AA TYPE
ISSUE V
STYLE 1:
PIN 1.
EMITTER
2.
COLLECTOR
3.
BASE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
–B–
–A–
M
K
F
C
Q
H
V
G
S
D
J
R
U
1
3
2
2 PL
M
A
M
0.25 (0.010)
B M
M
A
M
0.25 (0.010)
B M
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.425
0.435
10.80
11.04
B
0.295
0.305
7.50
7.74
C
0.095
0.105
2.42
2.66
D
0.020
0.026
0.51
0.66
F
0.115
0.130
2.93
3.30
G
0.094 BSC
2.39 BSC
H
0.050
0.095
1.27
2.41
J
0.015
0.025
0.39
0.63
K
0.575
0.655
14.61
16.63
M
5 TYP
5 TYP
Q
0.148
0.158
3.76
4.01
R
0.045
0.055
1.15
1.39
S
0.025
0.035
0.64
0.88
U
0.145
0.155
3.69
3.93
V
0.040
–––
1.02
–––
_
_
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BD165Plastic Medium Power Silicon NPN Transistor 1 2 3 4 Motorola, Inc
BD237Plastic Medium Power Silicon NPN Transistor 1 2 3 4 Motorola, Inc
BD437Plastic Medium Power Silicon NPN Transistor 1 2 3 4 Motorola, Inc
BD435Plastic Medium Power Silicon NPN Transistor 1 2 3 4 ON Semiconductor
BD135Plastic Medium Power Silicon NPN Transistor 1 2 3 4 Motorola, Inc
BD136Plastic Medium Power Silicon PNP Transistor 1 2 3 4 Motorola, Inc
FMMT491ANPN SILICON PLANAR MEDIUM POWER TRANSISTOR 1 2 Zetex Semiconductors
ZTX1048ANPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 1 2 3 4 Zetex Semiconductors
ZTX689BNPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 1 2 3 Zetex Semiconductors
NE678M04MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR 1 2 3 4 5 MoreNEC