Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2813D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2813D
Descripción Electrónicos  DUAL HIGH-SPEED MOSFET DRIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2813D Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2813D Datasheet HTML 4Page - Texas Instruments TPS2813D Datasheet HTML 5Page - Texas Instruments TPS2813D Datasheet HTML 6Page - Texas Instruments TPS2813D Datasheet HTML 7Page - Texas Instruments TPS2813D Datasheet HTML 8Page - Texas Instruments TPS2813D Datasheet HTML 9Page - Texas Instruments TPS2813D Datasheet HTML 10Page - Texas Instruments TPS2813D Datasheet HTML 11Page - Texas Instruments TPS2813D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
0–10 V dc
xOUT
0.1
µF
4.7
µF
10 V
Current
Loop
1
2
3
4
8
7
6
5
TPS2811
Regulator
+
VCC
Figure 2. Shoot-through Current Test Setup
50%
90%
1IN
1OUT
50%
50%
90%
10%
50%
10%
tPLH
tr
tf
tPHL
0 V
0 V
Figure 3. Typical Timing Diagram (TPS2811)
TYPICAL CHARACTERISTICS
Tables of Characteristics Graphs and Application Information
typical characteristics
PARAMETER
vs PARAMETER 2
FIGURE
PAGE
Rise time
Supply voltage
4
10
Fall time
Supply voltage
5
10
Propagation delay time
Supply voltage
6, 7
10
Supply voltage
8
11
Supply current
Load capacitance
9
11
Ambient temperature
10
11
Input threshold voltage
Supply voltage
11
11
Regulator output voltage
Regulator input voltage
12, 13
12
Regulator quiescent current
Regulator input voltage
14
12
Peak source current
Supply voltage
15
12
Peak sink current
Supply voltage
16
13
Shoot through current
Input voltage, high-to-low
17
13
Shoot-through current
Input voltage, low-to-high
18
13


Número de pieza similar - TPS2813D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2813D TI1-TPS2813D Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2813DG4 TI1-TPS2813DG4 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2813DR TI1-TPS2813DR Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2813DRG4 TI1-TPS2813DRG4 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
More results

Descripción similar - TPS2813D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com