Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS5102DBT Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS5102DBT
Descripción Electrónicos  DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS5102DBT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS5102DBT Datasheet HTML 7Page - Texas Instruments TPS5102DBT Datasheet HTML 8Page - Texas Instruments TPS5102DBT Datasheet HTML 9Page - Texas Instruments TPS5102DBT Datasheet HTML 10Page - Texas Instruments TPS5102DBT Datasheet HTML 11Page - Texas Instruments TPS5102DBT Datasheet HTML 12Page - Texas Instruments TPS5102DBT Datasheet HTML 13Page - Texas Instruments TPS5102DBT Datasheet HTML 14Page - Texas Instruments TPS5102DBT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TPS5102
DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
SLVS239 - SEPTEMBER 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
TJ = 25°C
TJ = -40°C
TJ = 125°C
4.7
4.6
4.4
4.2
010
5
5.1
CURRENT PROTECTION SOURCE CURRENT
(SKIP MODE)
vs
INPUT VOLTAGE
5.2
20
30
4.9
4.8
4.5
4.3
VCC - Supply Voltage - V
Figure 6
13.4
13
12.8
12.6
4.5
7
10
15
13.6
13.8
14
20
25
13.2
VCC - Supply Voltage - V
CURRENT PROTECTION SOURCE CURRENT
(PWM MODE)
vs
INPUT VOLTAGE
TJ = 25°C
TJ = -40°C
TJ = 125°C
Figure 7
TJ = 25°C
TJ = -40°C
TJ = 125°C
0.5
0.3
0.2
0
010
0.8
0.9
PWM/SKIP THRESHOLD VOLTAGE
vs
INPUT VOLTAGE
1
20
30
0.7
0.6
0.4
0.1
VI - Supply Voltage - V
Figure 8
TJ = 25°C
TJ = -40°C
TJ = 125°C
4.8
4.7
4.6
4.5
0
–10
–20
–30
4.9
5
Vref5 VOLTAGE
vs
CURRENT
5.1
–40
–50
Ir - Current - mA


Número de pieza similar - TPS5102DBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBT TI-TPS51020DBT Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTG4 TI-TPS51020DBTG4 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTR TI-TPS51020DBTR Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTRG4 TI-TPS51020DBTRG4 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
More results

Descripción similar - TPS5102DBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5102 TI1-TPS5102_08 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
logo
Richtek Technology Corp...
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com