Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSD-727 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

No. de pieza TSD-727
Descripción Electrónicos  SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PMI [Premier Magnetics, Inc.]
Página de inicio  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

TSD-727 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  TSD-727 Datasheet HTML 1Page - Premier Magnetics, Inc. TSD-727 Datasheet HTML 2Page - Premier Magnetics, Inc. TSD-727 Datasheet HTML 3Page - Premier Magnetics, Inc. TSD-727 Datasheet HTML 4Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
pmsm 6/97
SWITCH MODE DC/DC
POWER CONVERSION
TRANSFORMERS
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
GENERAL ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO +70OC
PM-SM02
LT1071
12.0
5.0
1000
140
550
20
Feed Back Output
THRU
PM-SM03
LT1071
12.0
9.0
1000
110
550
35
Feed Back Output
THRU
PM-SM04
LT1071
24.0
5.0
2000
200
550
40
Feed Back Output
THRU
PM-SM05
LT1071
24.0
5.0
2000
200
550
40
Feed Back Output
THRU
PM-SM07
LT1070
12.0
5.0
2000
50
550
40
Feed Back Output
THRU
PM-SM09
LT1070
12.0
5.0
4000
135
250
50
Feed Back Output
THRU
TSD-546
LT1072
12.0
5.0
220
250
550
15
Feed Back Output
THRU
Output #2
------
9.0
160
-----
550
-----
Isolated Output
TSD-578
LT1072
24.0
5.0
100
1000
500
15
Isolated Output #1
THRU
Output #2
------
5.0
200
-----
500
-----
Isolated Output #2
Output #3 = Tap off #2
------
6.0
32
-----
-----
-----
Tap Output off #2
TSD-648
LT1171
5.0
5.0
60
48
750
15
Isolated Output, Opto F.B.
SMD
Outputs #2 & #3: +15.0
------
+15.0
+100
-----
750
-----
Isolated + Linear Reg.
TSD-649
LT1076HV
18-50
15.0
700
80
N/A
15
Positive Buck
SMD
TSD-652
MAX783
5.5-30
3.3
3100
10
500
10
Positive Buck
SMD
Output #2 = Auxiliary
------
15.0
220
-----
500
-----
Auxiliary Output
TSD-723
LT1070
12.0
15.0
2000
210
550
30
Isolated Output
THRU
TSD-725
LT1172
12.0
5.0
500
100
550
15
Feed Back Output
SMD
13V TAP Output
------
13.0
150
-----
-----
-----
Tap Output
15V TAP Output
------
15.0
60
-----
-----
-----
Tap Output
TSD-726
LT1172
12.0
5.0
100
100
100
15
Feed Back Output
SMD
Output #2, 13V TAP
------
13.0
40
-----
-----
-----
Tap Output
Output #3, 15V TAP
------
15.0
200
-----
-----
-----
Tap Output
TSD-727
LT1172
9-33
5.0
200
1000
1000
10
Isolated Output
THRU
TSD-730
LT1172
18-30
5.0
250
1000
500
10
Isolated Output
SMD
Output #2 & #3: +15V
------
+15.0
+25
-----
500
-----
Isolated Output
(TSD-933 = THRU VERSION)
DISCRETE SELF OSCILLATING PUSH-PULL CONVERTERS, DUAL SECONDARIES
TSD-643 40KHz
Full Wave C.T.
12.0
24
420
2300
3750
25
Isolated Output
THRU
Full Brige
------
48
210
3750
Isolated Output
Dual Full Brige
------
+ 24
+ 210
3750
Isolated Output
TSD-644 40KHz
Full Wave C.T.
12.0
100
50
2300
3750
25
Isolated Output
THRU
Full Brige
------
200
25
3750
Isolated Output
Dual Full Brige
------
+100
+ 25
3750
Isolated Output
TSD-645 40KHz
Full Wave C.T.
52.0
100
100
6800
3750
25
Isolated Output
THRU
Full Brige
------
200
50
3750
Isolated Output
Dual Full Brige
------
+100
+ 50
3750
Isolated Output
TSD-742 1.0KHz DC to AC
1.5-3.5 85rms
8 rms
31mH
500
10
Isolated rms Output
SMD
To receive complete specifications & application information, request the respective part number data sheet.
PART
NUMBER
APPLICATION
Vin
Vout
Io_max
(Vdc)
(Vdc)
(mA)
Designed For
Use With
Temp
Rise oC
Typ.
PRIMARY
OCL
µµµµµHY
Typ.
General Notes
PCB
Mount
Method
HI-POT
Vdc
Min.


Número de pieza similar - TSD-727

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Premier Magnetics, Inc.
TSD-734 PMI-TSD-734 Datasheet
37Kb / 2P
   SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
TSD-735 PMI-TSD-735 Datasheet
37Kb / 2P
   SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
TSD-737 PMI-TSD-737 Datasheet
301Kb / 9P
   OFF-LINE SWITCH MODE TRANSFORMERS
TSD-746 PMI-TSD-746 Datasheet
37Kb / 2P
   SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
TSD-748 PMI-TSD-748 Datasheet
37Kb / 2P
   SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
More results

Descripción similar - TSD-727

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silikron Semiconductor ...
SSF4703 SILIKRON-SSF4703 Datasheet
288Kb / 5P
   DC-DC conversion applications
SSF3117 SILIKRON-SSF3117 Datasheet
292Kb / 5P
   DC-DC conversion applications
SSF4703DC SILIKRON-SSF4703DC Datasheet
275Kb / 5P
   DC-DC conversion applications
SSF8521 SILIKRON-SSF8521 Datasheet
294Kb / 5P
   DC-DC conversion applications
logo
Shenzhen Guan Hua Wei Y...
WSD80120DN56 WIINSOK-WSD80120DN56 Datasheet
3Mb / 6P
   High power DC/DC converters and switch mode
logo
Guangdong Youtai Semico...
MC34063 UMW-MC34063 Datasheet
777Kb / 5P
   DC-DC conversion control circuit
logo
Silikron Semiconductor ...
SSF2783 SILIKRON-SSF2783 Datasheet
317Kb / 6P
   DC−DC Conversion Circuits
logo
Guangdong Youtai Semico...
MC33063 UMW-MC33063 Datasheet
830Kb / 5P
   DC-DC conversion control circuit
logo
Sumida Corporation
ER3023 SUMIDA-ER3023 Datasheet
126Kb / 1P
   DC/DC CONVERTER TRANSFORMERS
logo
Productwell Precision E...
DDEI19-001 PRODUCTWELL-DDEI19-001 Datasheet
79Kb / 1P
   DC/DC CONVERTER TRANSFORMERS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com