Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSD-1683 Datasheet(PDF) 2 Page - Premier Magnetics, Inc. |
|
TSD-1683 Datasheet(HTML) 2 Page - Premier Magnetics, Inc. |
2 / 9 page 20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 • TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com Specifications subject to change without notice. 2 pol 10/99 OFF-LINE SWITCH MODE TRANSFORMERS GENERAL ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO +70OC PART NUMBER Recommended Power Intgr. Controller APPLICATION DATA Output Voltages Output Currents Con Vout Vdc Io_cont Amps Watt Recommended Output Filter Input Filter Inductor (L2) CMC (L1) Package Schematic TSD-1684 TOP 232 2.5/3.3/12 0.5/0.6/0.16 5.2 VTP-01001 PMCU-0330 EE16 TSD-1715 TOP 242 3.3 0.6 2.0 VTP-01001 PMCU-0220 EE16 TSD-1848 TOP 242 3.3/5 1.5/0.7 8.5 VTP-01001 PMCU-0330 EE16 TSD-1813 TOP 233 3.3/5/5 1.5/1.5/0.3 14.0 VTP-01001 PMCU-0330 EEL19 TSD-1687 TOP 243 5.0 2.5 12.5 VTP-01002 PMCU-0330 E22/19 POL-050063 TOP 210 5.0 0.60 3.0 VTP-01001 PMCU-0220 E16-Horz TSD-816 TOP 210 5.0 0.60 3.0 VTP-01001 PMCU-0220 E16-Horz TSD-1185 TOP 221 5.0 0.70 3.5 VTP-00301 PMCU-0220 E16-Vert POL-050103 TOP 200 5.0 1.00 5.0 VTP-01001 PMCU-0220 E16-Horz POL-05012 TOP 200 5.0 1.20 6.0 VTP-01001 PMCU-0330 E16-Horz TSD-1812 TOP 242 5.0 1.60 8.0 VTP01001 PMCU-0220 EE16 POL-05020 TOP 223 5.0 2.00 10.0 VTP-01002 PMCU-0330 E16-Vert POL-05030 TOP 202 5.0 3.00 15.0 VTP-01002 PMCU-0330 E22/19/6 TSD-1486 TOP 200 5.0 1.00 5.0 VTP-01001 PMCU-0220 EE16/EI16 TSD-1952 TOP 202 5 x 2 1.2/1.2 12.0 VTP-01001 PMCU-0220 EPC19 TSD-778 TOP 201 5.0 x 2 1.20/0.80 6.4 VTP-01001 PMCU-0330 E22,10pin TSD-1853 TOP 246 5.0 x 4 .150-7.0 140.0 VTP-01005 PMCE-0330 ER35 TSD-1692 TOP 242 5.0/7.5/7.5 0.4/0.25/0.25 5.8 VTP-01001 PMCU-0220 EE16 TSD-1829 TOP 234 5/7/17.6/17.6/50 1.2/.9/.3/.3/.16 31.0 VTP-01002 PMCU-0330 EE30 TSD-937 TOP 204 5/+8/-8 3.0/+1.0 30.0 VTP-01002 PMCE-0330 E28/11 TSD-1201 TOP 225 5/+9/-9 6/+1.3/-0.13 43.0 VTP-01005 PMCU-0330 EI33/29 TSD-1160 TOP 225 5/+12/-12 6/+1.0/-0.10 43.0 VTP-01005 PMCU-0330 EI33/29 TSD-1695 TOP 248 5/5/12/12 3/2/2/2 49.0 VTP-01001 PMCE-0330 EE33 TSD-1390 TOP 226 5/12 5.0/3.0 61.0 VTP-01005 PMCE-0330 EI33/29 TSD-877 TOP 204 5x2 & 15 2.5/0.10 16.0 VTP-01002 PMCU-0330 E28/11 TSD-1017 TOP 209 5/15 0.02/0.10 1.7 N/A PMCU-0220 E16-Vert TSD-1135 TOP 209 5/15 0.05/0.12 2.1 N/A PMCU-0220 E22/19/6 TSD-13054 TOP 209 5/15 0.05/0.12 2.1 N/A PMCU-0220 E22/19/6 TSD-1110 TOP 224 5/+15/-15 2.2/+0.3 20.0 VTP-01002 PMCU-0330 EEL19 TSD-1941 TOP 247 5/7.75/21/21/51 1.4/1/.35/.35/.19 39.2 VTP-01002 PMCU-0330 EI30 TSD-1866 TOP 247 5/15/30 .75/.10/2.5 80.5 VTP-01002 PMCE-0330 EE33 TSD-1869 TOP 248 5/33 3.0/3.0 115.0 VTP-01002 PMCU-0330 EFD25 TSD-893 TOP 201 5/30/+12/-12 1.0/.05/.25/.25 14.0 VTP-01001 PMCU-0330 E30 TSD-876 TOP 210 5/12 0.10/0.20 3.0 Bead PMCU-0220 E19-Horz TSD-8151 TOP 201 5/15 1.0/1.0 20.0 VTP-01001 PMCU-0330 E22/19/6 TSD-1961 TOP 248 5/15/24 1/1/4 116.0 VTP-01002 PMCE-0330 EERL35 TSD-1820 TOP 234 5/18 2/0.5 19.0 VTP-01001 PMCU-0330 E20/10/6 Units are Designed for a Universal AC Input of 85 to 265Vac, 47/440 Hz, Unless Otherwise Designated. 1 = Unit Designed for Voltage Doubler Input -or- PFC Corrected Front End. 2 = Unit Designed for AC Input of 85 to135Vac, 47/440Hz. 3 = Minimum Parts Count Design (lowest cost). Designed for Relatively Constant Lload Power. Applications Where Load Regulation of 5.0 % & Line Regulation of 3.0 % is Acceptable. 4 = Faraday Shield Between Primary + Bias & Secondaries. Connected to Bias - Pin. CLICK ON THE RESPECTIVE PART NUMBER TO DISPLAY A DETAIL DATA SHEET |
Número de pieza similar - TSD-1683 |
|
Descripción similar - TSD-1683 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |