Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSB41LV06 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TSB41LV06
Descripción Electrónicos  IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TSB41LV06 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSB41LV06 Datasheet HTML 7Page - Texas Instruments TSB41LV06 Datasheet HTML 8Page - Texas Instruments TSB41LV06 Datasheet HTML 9Page - Texas Instruments TSB41LV06 Datasheet HTML 10Page - Texas Instruments TSB41LV06 Datasheet HTML 11Page - Texas Instruments TSB41LV06 Datasheet HTML 12Page - Texas Instruments TSB41LV06 Datasheet HTML 13Page - Texas Instruments TSB41LV06 Datasheet HTML 14Page - Texas Instruments TSB41LV06 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
TSB41LV06
IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
SLLS289 – JANAURY1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of operating conditions (unless otherwise
noted) (continued)
device
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IDD
Supply current
See Note 3
273
mA
IDD
Supply current
See Note 4
166
mA
ICC–PD
Supply current – sleep power mode
VCC = 3.3 V, TA = 25°C
7
mA
VTH
Power status threshold, CPS input†
400 K
Ω resistor†
4.7
7.5
V
VDD = 2.7 V, IOH = –4 mA
2.2
VOH
High-level output voltage
VDD = 3 V to 3.6 V,
IOH = –4 mA
2.8
V
Annex J; IOH = –9 mA,
ISO = 0 V,
VDD_5V = VDD
VDD–0.4
IOL = 4 mA
0.4
VOL
Low-level output voltage
Annex J; IOH = 9 mA,
ISO = 0 V,
VDD_5V = VDD
0.4
V
IBH+
Positive peak bus holder current
(D0 – D7, CTL0, CTL1, LREQ, LPS, PD)
ISO = 3.6 V, VDD = 3.6 V,
VI 0VtoVDD
0.05
1
mA
IBH–
Negative peak bus holder current
(D0 – D7, CTL0, CTL1, LREQ, LPS, PD)
VI = 0 V to VDD,
VDD_5V = VDD
–1
–0.05
mA
II
Input current, LREQ, LPS, PD, TESTM, SE,
SM, PC0–PC2 inputs
ISO = 0 V, VDD 3.6 V
5
µA
IOZ
Off-state output current, CTL0, CTL1,
D0–D7, C/LKON I/Os
VO= VDD or 0 V
±5
µA
IIRST
Pullup current RESET input
VI = 1.5 V
–80
–40
–20
µA
IIRST
Pullup current, RESET input
VI = 0 V
–90
–45
–22
µA
VIT
Positive input threshold voltage, LREQ,
CTL0, CTL1, D0–D7 inputs‡
ISO = 0 V ,VDD_5V = VDD
VDD/2+0.3
VDD/2+0.9
V
VIT+
Positive input threshold voltage, LPS inputs
ISO = 0 V, VDD_5V = VDD,
Vref = VDD × 0.42
Vref+1
V
VIT
Negative input threshold voltage, LREQ,
CTL0, CTL1, D0–D7 inputs‡
ISO = 0 V,VDD_5V = VDD
VDD/2–0.9
VDD/2–0.3
V
VIT–
Negative input threshold voltage, LPS inputs
ISO = 0 V, VDD_5V = VDD,
Vref = VDD × 0.42
Vref+0.2
V
VO
TPBIAS output voltage
At rated IO current
1.665
2.015
V
† Measured at cable power side of resistor.
‡ This parameter applicable only when ISO low.
NOTES:
3. Repeat (receive on port0, transmit on ports 1 through 5, full ISO payload of 84
µs, S400, data value of CCCCCCCCh), VDD = 3.3 V
TA = 25°C
4. Idle (receive cycle start on port0, xmt cycle start on ports 1 through 5), VDD = 3.3 V, TA = 25°C.


Número de pieza similar - TSB41LV06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB41LV06A TI-TSB41LV06A Datasheet
617Kb / 48P
[Old version datasheet]   IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06A TI1-TSB41LV06A Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06APZP TI-TSB41LV06APZP Datasheet
617Kb / 48P
[Old version datasheet]   IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06APZP TI1-TSB41LV06APZP Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06APZPG4 TI1-TSB41LV06APZPG4 Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
More results

Descripción similar - TSB41LV06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB41LV06A TI-TSB41LV06A Datasheet
617Kb / 48P
[Old version datasheet]   IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
[Old version datasheet]   IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI1-TSB41LV03A_14 Datasheet
271Kb / 11P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI-TSB41LV03A Datasheet
638Kb / 50P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV02A TI-TSB41LV02A Datasheet
630Kb / 50P
[Old version datasheet]   IEEE 1394a TWO PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06A TI1-TSB41LV06A_16 Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com