Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22949 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22949
Descripción Electrónicos  CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS22949 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22949 Datasheet HTML 5Page - Texas Instruments TPS22949 Datasheet HTML 6Page - Texas Instruments TPS22949 Datasheet HTML 7Page - Texas Instruments TPS22949 Datasheet HTML 8Page - Texas Instruments TPS22949 Datasheet HTML 9Page - Texas Instruments TPS22949 Datasheet HTML 10Page - Texas Instruments TPS22949 Datasheet HTML 11Page - Texas Instruments TPS22949 Datasheet HTML 12Page - Texas Instruments TPS22949 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Input Voltage, V
(V)
IN
-42.5
-42.0
-41.5
-41.0
-40.5
-40.0
-39.5
-39.0
-38.5
-38.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–40
–10
25
55
85
Temperature, T (°C)
A
–120
–115
–110
–105
–100
–95
–90
–85
–80
V
= 3.3 V
IN
V
= 4.5 V
IN
–40
–10
25
55
85
Temperature, T (°C)
A
V
= 1.8 V
V
= 4.5 V
IN
IN
V
= 3.3 V
IN
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Input Voltage, V
(V)
IN
-3.50
-3.45
-3.40
-3.35
-3.30
-3.25
-3.20
-3.15
-3.10
-3.05
-3.00
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TPS22949
TPS22949A
www.ti.com.................................................................................................................................................... SLVS908B – FEBRUARY 2009 – REVISED JUNE 2009
TYPICAL CHARACTERISTICS (continued)
Figure 7. Ground Pin Current vs Temperature, V+ = 5.5 V
Figure 8. Ground Pin Current vs Input Voltage (Current
Limiter Only), V+ = 5.5 V
Figure 9. Ground Pin Current vs Temperature (Current
Figure 10. OFF-State Ground Current vs Input Voltage, V+
Limiter Only), V+ = 5.5 V
= 5.5 V
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS22949 TPS22949A


Número de pieza similar - TPS22949

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22949 TI-TPS22949 Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949A TI-TPS22949A Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949A TI-TPS22949A Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949ADRGR TI-TPS22949ADRGR Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
More results

Descripción similar - TPS22949

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com