Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51217 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS51217
Descripción Electrónicos  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS51217 Datasheet(HTML) 1 Page - Texas Instruments

  TPS51217 Datasheet HTML 1Page - Texas Instruments TPS51217 Datasheet HTML 2Page - Texas Instruments TPS51217 Datasheet HTML 3Page - Texas Instruments TPS51217 Datasheet HTML 4Page - Texas Instruments TPS51217 Datasheet HTML 5Page - Texas Instruments TPS51217 Datasheet HTML 6Page - Texas Instruments TPS51217 Datasheet HTML 7Page - Texas Instruments TPS51217 Datasheet HTML 8Page - Texas Instruments TPS51217 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
TYPICAL APPLICATION CIRCUIT
TRAN
VFB
EN
TRIP
DRVL
SW
DRVH
GND
PGOOD
VBST
1
3
4
5
2
6
10
7
8
9
V5IN
EN
VID1
VID0
V5IN
TPS1217
VIN
VOUT
V
_GND
OUT
TPS51217
www.ti.com ...................................................................................................................................................................................................... SLUS947 – JUNE 2009
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN
CONTROLLER FOR NOTEBOOK POWER SUPPLY
• Notebook Computers
2
• Wide Input Voltage Range: 3 V to 28 V
• I/O Supplies
• Output Voltage Range: 0.6 V to 2.6 V
• System Power Supplies
• Wide Output Load Range: 0 to 20A+
• Built-in 0.5% 0.6 V Reference
• D-CAP™ Mode with 100-ns Load Step
The TPS51217 is a small-sized single buck controller
Response
with adaptive on-time D-CAP™ mode. The device is
• Adaptive On Time Control Architecture with
suitable for low output voltage, high current, PC
Fixed 340kHz Operation
system power rail and similar point-of-load (POL)
• Dynamic Output Voltage Change Capability
power supply in digital consumer products. A small
package with minimal pin-count saves space on the
• 4700 ppm/°C R
DS(on) Current Sensing
PCB, while a dedicated EN pin and pre-set frequency
• Internal 0.9-ms Voltage Servo Softstart
minimize design effort required for new designs. The
• Pre-Charged Start-up Capability
skip-mode at light load condition, strong gate drivers
and low-side FET RDS(on) current sensing supports
• Built-in Output Discharge
low-loss and high efficiency, over a broad load range.
• Power Good Output
The
TRAN
pin
provides
freedom
of
masking
• Integrated Boost Switch
overvoltage protection, undervoltage protection and
power-good signal during the transition period of
• Built-in OVP/UVP/OCP
dynamic output voltage change for modern GPU
• Thermal Shutdown (Non-latch)
power supply applications. The conversion input
• SON-10 (DSC) Package
voltage which is the high-side FET drain voltage
ranges from 3 V to 28 V and the output voltage
ranges from 0.6 V to 2.6 V. The device requires an
external 5-V supply. The TPS51217 is available in a
10-pin SON package specified from –40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS51217

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
More results

Descripción similar - TPS51217

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51211 TI1-TPS51211 Datasheet
677Kb / 26P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
TPS51218 TI1-TPS51218_16 Datasheet
1,016Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Texas Instruments
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com