Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UA748C Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza UA748C
Descripción Electrónicos  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UA748C Datasheet(HTML) 4 Page - Texas Instruments

  UA748C Datasheet HTML 1Page - Texas Instruments UA748C Datasheet HTML 2Page - Texas Instruments UA748C Datasheet HTML 3Page - Texas Instruments UA748C Datasheet HTML 4Page - Texas Instruments UA748C Datasheet HTML 5Page - Texas Instruments UA748C Datasheet HTML 6Page - Texas Instruments UA748C Datasheet HTML 7Page - Texas Instruments UA748C Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
uA748C, uA748M
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS095 – D921, DECEMBER 1970 – REVISED OCTOBER 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
4
PARAMETER MEASUREMENT INFORMATION
VI
0 V
+
Input
COMP
N1
CC = 30 pF
N2 (open)
OUT
RL = 2 kΩ
CL
100 pF
INPUT VOLTAGE
WAVEFORM
TEST CIRCUIT
Figure 1. Rise Time, Overshoot, and Slew Rate
TYPICAL CHARACTERISTICS
–60
0
TA – Free-Air Temperature – °C
140
100
–40 –20
020
40
60
80
100 120
20
40
60
80
VCC
± = ± 15 V
–60
0
TA – Free-Air Temperature – °C
140
400
–40 –20
0
20
40
60
80
100 120
100
200
300
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
90
70
50
30
10
VCC
± = ± 15 V
350
250
150
50
uA748C
uA748C
Figure 2
Figure 3
† Data at high and low temperatures are applicably only within the rated operating free-air temperature range of the particular devices.


Número de pieza similar - UA748C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
UA748C STMICROELECTRONICS-UA748C Datasheet
156Kb / 7P
   PRECISION SINGLE OPERATIONAL AMPLIFIER
UA748CD STMICROELECTRONICS-UA748CD Datasheet
115Kb / 8P
   PRECISION SINGLE OPERATIONAL AMPLIFIER
UA748CN STMICROELECTRONICS-UA748CN Datasheet
115Kb / 8P
   PRECISION SINGLE OPERATIONAL AMPLIFIER
UA748CN STMICROELECTRONICS-UA748CN Datasheet
156Kb / 7P
   PRECISION SINGLE OPERATIONAL AMPLIFIER
More results

Descripción similar - UA748C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com