Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3A27518EZQSR Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TS3A27518EZQSR
Descripción Electrónicos  6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS3A27518EZQSR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS3A27518EZQSR Datasheet HTML 7Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 8Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 9Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 10Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 11Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 12Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 13Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 14Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
0.0
4.0
Supply Voltage, V+ (V)
–5
45
0
5
10
15
20
25
30
35
40
0.5
1.0
1.5
2.0
2.5
3.0
3.5
INx = High
INx = Low
0.0
2.0
Input Voltage, VIN (V)
0.0
4.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.2
0.4
0.6
0.8
1.0
1.2
1.6
1.4
1.8
–100
–10
–80
–90
–70
–60
–50
–40
–30
–20
1.8 V
2.5 V
3.3 V
Frequency (
z)
MH
0.1
1
10
100
1000
Frequency (
z)
MH
–100
–10
–80
–90
–70
–60
–50
–40
–30
–20
0.1
1
10
100
1000
NO1TOCOM1-NO2
NO1TOCOM1-NO3
NO1TOCOM1-NO4
NO1TOCOM1-NO5
NO1TOCOM1-NO6
TS3A27518E
www.ti.com........................................................................................................................................................... SCDS260B – MARCH 2009 – REVISED MAY 2009
TYPICAL CHARACTERISTICS (continued)
Figure 5. Supply Current vs Supply Voltage
Figure 6. Control Input Thresholds (IN1, TA = 25°C)
Figure 7. Crosstalk Adjacent
Figure 8. Crosstalk
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TS3A27518E


Número de pieza similar - TS3A27518EZQSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A27518EZQSR TI1-TS3A27518EZQSR Datasheet
1Mb / 35P
[Old version datasheet]   6-Channel, 1:2 Multiplexer/Demultiplexer
More results

Descripción similar - TS3A27518EZQSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A27518E-Q1 TI1-TS3A27518E-Q1 Datasheet
956Kb / 30P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
TS3A27518E TI-TS3A27518E_15 Datasheet
1Mb / 29P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
logo
Toshiba Semiconductor
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3Q3257 TI-SN74CB3Q3257 Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com