Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS-31001000GLF Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

No. de pieza GS-31001000GLF
Descripción Electrónicos  Thick Film Semi-Precision Metal Glaze Power Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRCTT [IRC - a TT electronics Company.]
Página de inicio  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GS-31001000GLF Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  GS-31001000GLF Datasheet HTML 1Page - IRC - a TT electronics Company. GS-31001000GLF Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IRC Wire and Film Technologies Division
General Note
A subsidiary of
TT electronics plc
GS-3 Series Issue January 2007
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of printing.
© IRC Wire and Film Technologies Division
Telephone: 828 264 8861 • Facsimile: 828 264 8866 • Website: www.irctt.com
• 736 Greenway Road Boone, North Carolina 28607-1860
Performance Curves
W
d
L
H
Dimensions (Inches and mm)
Ordering Information
IRC Style
GS = (Fixed Film Resistor
High Stability)
Power Rating
3 = 3W@ 25ºC / 2W @ 70ºC
Sample Part No.
Resistance
First three digits represent significant figures;
fourth digit is number of zeros.
Tolerance
F = ±1%, G = ±2%, J = ±5%
RoHS Compliance
= Sn/Pb terminations
LF = RoHS-compliant product
TCR Characteristics
50 = ±50 ppm/°C
100= ±100 ppm/°C
200 = ±200 ppm/°C
(available on values greater than 10 ohms)
GS-3 100 1000 J
Ambient Temperature (°C)
0
75
125
175
100
80
60
40
20
0
Derating Chart
Percent 25°C Power Rating
0
25
50
75
100
200
175
150
125
100
75
50
25
0
Hot Spot Temperature +25°C Ambient
TYPE
L
W
H
Ød
GS-3
0.515 ±0.010
0.225 ±0.008
1.50 ±0.125
0.032 ±0.002
(13.1 ±0.3)
(5.7 ±0.2)
(38.1 ±3.2)
(0.8128 ±0.05)


Número de pieza similar - GS-31001000GLF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IRC - a TT electronics ...
GS-31001000GLFSLT IRCTT-GS-31001000GLFSLT Datasheet
176Kb / 3P
   Thick Film Semi-Precision Metal Glaze Power Resistors
GS-31001000GLFT24 IRCTT-GS-31001000GLFT24 Datasheet
176Kb / 3P
   Thick Film Semi-Precision Metal Glaze Power Resistors
GS-31001000GLFT25 IRCTT-GS-31001000GLFT25 Datasheet
176Kb / 3P
   Thick Film Semi-Precision Metal Glaze Power Resistors
More results

Descripción similar - GS-31001000GLF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
   Thick Film Semi-Precision Metal Glaze??Power Resistors
logo
IRC - a TT electronics ...
GS-3501000FLFSLT IRCTT-GS-3501000FLFSLT Datasheet
176Kb / 3P
   Thick Film Semi-Precision Metal Glaze Power Resistors
logo
Vishay Siliconix
DCRCW-PE3 VISHAY-DCRCW-PE3 Datasheet
133Kb / 8P
   Semi-Precision Thick Film Chip Resistors
01-Jan-2022
logo
IRC - a TT electronics ...
GF-07D1002F IRCTT-GF-07D1002F Datasheet
218Kb / 2P
   Thick Film Metal Glaze Resistor
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
   High Voltage Metal Glaze Film Resistors
logo
IRC - a TT electronics ...
RL07S1001G IRCTT-RL07S1001G Datasheet
152Kb / 3P
   Semi-Precision Mil-Qualified Metal Glaze Resistor
CMH IRCTT-CMH Datasheet
238Kb / 3P
   Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
logo
Vishay Siliconix
DCRCWP VISHAY-DCRCWP Datasheet
91Kb / 6P
   Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
Revision: 21-Jan-14
CRCW-PE3 VISHAY-CRCW-PE3 Datasheet
110Kb / 6P
   Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
Revision: 07-Apr-14
DCRCW-P VISHAY-DCRCW-P Datasheet
135Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
01-Jan-2022
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com