Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2625DW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UC2625DW
Descripción Electrónicos  Brushless DC Motor Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UC2625DW Datasheet(HTML) 1 Page - Texas Instruments

  UC2625DW Datasheet HTML 1Page - Texas Instruments UC2625DW Datasheet HTML 2Page - Texas Instruments UC2625DW Datasheet HTML 3Page - Texas Instruments UC2625DW Datasheet HTML 4Page - Texas Instruments UC2625DW Datasheet HTML 5Page - Texas Instruments UC2625DW Datasheet HTML 6Page - Texas Instruments UC2625DW Datasheet HTML 7Page - Texas Instruments UC2625DW Datasheet HTML 8Page - Texas Instruments UC2625DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
UC1625
UC2625
UC3625
SLUS353A - NOVEMBER 1999
Brushless DC Motor Controller
FEATURES
• Drives Power MOSFETs or Power Darlingtons
Directly
• 50V Open Collector High-Side Drivers
• Latched Soft Start
• High-speed Current-Sense Amplifier with Ideal
Diode
• Pulse-by-Pulse and Average Current Sensing
• Over-Voltage and Under-Voltage Protection
• Direction Latch for Safe Direction Reversal
• Tachometer
• Trimmed Reference Sources 30mA
• Programmable Cross-Conduction Protection
• Two-Quadrant and Four-Quadrant Operation
DESCRIPTION
The UC3625 family of motor controller ICs integrate most of the
functions required for high-performance brushless DC motor con-
trol into one package.
When coupled with external power
MOSFETs or Darlingtons, these ICs perform fixed-frequency PWM
motor control in either voltage or current mode while implementing
closed loop speed control and braking with smart noise rejection,
safe direction reversal, and cross–conduction protection.
Although specified for operation from power supplies between 10V
and 18V, the UC1625 can control higher voltage power devices
with external level-shifting components. The UC1625 contains fast,
high-current push-pull drivers for low-side power devices and 50V
open-collector outputs for high-side power devices or level shifting
circuitry.
The UC1625 is characterized for operation over the military tem-
perature range of –55
°C to +125°C, while the UC2625 is charac-
terized from –40
°C to +105°C and the UC3625 is characterized
from 0
°C to 70°C. (NOTE: ESD Protection to 2kV)
application
INFO
available
UDG-99045
21
27
25
22
6
28
1
15
24
3
26
10k
3k
10k
2
19
20
16
11
20
µF
100nF
20
µF
100nF
+
R
OSC
33k
2200pF
C
OSC
68k
R
T
3nF
C
T
BRAKE
5nF
100nF
23
8
9
10
4
5
7
2nF
2nF
2nF
100nF
10k
5nF
240
240
17
18
14
13
12
3k
2N3906
100nF
1k
4k
TO OTHER
CHANNELS
TO OTHER
CHANNELS
10
2N3904
10
IRF9350
IRF532
3k
FROM
HALL
SENSORS
VMOTOR
+15V
+5V TO HALL
SENSORS
VREF
0.02
R
S
TO
MOTOR
0.02
R
D
REQUIRED
FOR
AVERAGE
CURRENT
SENSING
REQUIRED
FOR BRAKE
AND FAST
REVERSE
100
µF
+
UC3625
DIR
QUAD
TYPICAL APPLICATION


Número de pieza similar - UC2625DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC2625DW TI1-UC2625DW Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DWG4 TI1-UC2625DWG4 Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DWTR TI1-UC2625DWTR Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
More results

Descripción similar - UC2625DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com