Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AVCH4T245D Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74AVCH4T245D
Descripción Electrónicos  4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH4T245D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AVCH4T245D Datasheet HTML 5Page - NXP Semiconductors 74AVCH4T245D Datasheet HTML 6Page - NXP Semiconductors 74AVCH4T245D Datasheet HTML 7Page - NXP Semiconductors 74AVCH4T245D Datasheet HTML 8Page - NXP Semiconductors 74AVCH4T245D Datasheet HTML 9Page - NXP Semiconductors 74AVCH4T245D Datasheet HTML 10Page - NXP Semiconductors 74AVCH4T245D Datasheet HTML 11Page - NXP Semiconductors 74AVCH4T245D Datasheet HTML 12Page - NXP Semiconductors 74AVCH4T245D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
74AVCH4T245_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 6 August 2009
9 of 26
NXP Semiconductors
74AVCH4T245
4-bit dual supply translating transceiver; 3-state
IBHH
bus hold
HIGH current
A or B port
[4]
VI = 0.91 V;
VCC(A) =VCC(B) = 1.4 V
−15
-
−15
-
µA
VI = 1.07 V;
VCC(A) =VCC(B) = 1.65 V
−25
-
−25
-
µA
VI = 1.60 V;
VCC(A) =VCC(B) = 2.3 V
−45
-
−45
-
µA
VI = 2.00 V;
VCC(A) =VCC(B) = 3.0 V
−100
-
−100
-
µA
IBHLO
bus hold
LOW
overdrive
current
A or B port
[5]
VCC(A) = VCC(B) = 1.6 V
125
-
125
-
µA
VCC(A) = VCC(B) = 1.95 V
200
-
200
-
µA
VCC(A) = VCC(B) = 2.7 V
300
-
300
-
µA
VCC(A) = VCC(B) = 3.6 V
500
-
500
-
µA
IBHHO
bus hold
HIGH
overdrive
current
A or B port
[6]
VCC(A) = VCC(B) = 1.6 V
−125
-
−125
-
µA
VCC(A) = VCC(B) = 1.95 V
−200
-
−200
-
µA
VCC(A) = VCC(B) = 2.7 V
−300
-
−300
-
µA
VCC(A) = VCC(B) = 3.6 V
−500
-
−500
-
µA
IOZ
OFF-state
output
current
A or B port; VO = 0 V or VCCO;
VCC(A) =VCC(B) = 3.6 V
[7]
-
±5-
±30
µA
suspend mode A port;
VO =0V orVCCO; VCC(A) = 3.6 V;
VCC(B) =0V
[7]
-
±5-
±30
µA
suspend mode B port;
VO =0V orVCCO; VCC(A) =0 V;
VCC(B) = 3.6 V
[7]
-
±5-
±30
µA
IOFF
power-off
leakage
current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V;
VCC(B) = 0.8 V to 3.6 V
-
±5-
±30
µA
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V;
VCC(A) = 0.8 V to 3.6 V
-
±5-
±30
µA
Table 7.
Static characteristics …continued[1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max


Número de pieza similar - 74AVCH4T245D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AVCH4T245D NEXPERIA-74AVCH4T245D Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
74AVCH4T245D-Q100 NEXPERIA-74AVCH4T245D-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
Texas Instruments
74AVCH4T245DGVRE4 TI-74AVCH4T245DGVRE4 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH4T245DGVRE4 TI-74AVCH4T245DGVRE4 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH4T245DGVRE4 TI-74AVCH4T245DGVRE4 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Descripción similar - 74AVCH4T245D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
logo
Nexperia B.V. All right...
74AVC4T245-Q100 NEXPERIA-74AVC4T245-Q100 Datasheet
350Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4TD245 NEXPERIA-74AVC4TD245 Datasheet
280Kb / 24P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3 - 9 June 2017
74AVCH4T245 NEXPERIA-74AVCH4T245 Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
logo
NXP Semiconductors
74AVC4T245 NXP-74AVC4T245 Datasheet
142Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-20 July 2009
74AVCH4T245 PHILIPS-74AVCH4T245_15 Datasheet
191Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4TD245 PHILIPS-74AVC4TD245_15 Datasheet
563Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 2-9 December 2011
logo
Nexperia B.V. All right...
74AVC4TD245PW NEXPERIA-74AVC4TD245PW Datasheet
263Kb / 23P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4T245 NEXPERIA-74AVC4T245 Datasheet
377Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com