Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC1005D650 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza DAC1005D650
Descripción Electrónicos  Dual 10-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1005D650 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button DAC1005D650 Datasheet HTML 7Page - NXP Semiconductors DAC1005D650 Datasheet HTML 8Page - NXP Semiconductors DAC1005D650 Datasheet HTML 9Page - NXP Semiconductors DAC1005D650 Datasheet HTML 10Page - NXP Semiconductors DAC1005D650 Datasheet HTML 11Page - NXP Semiconductors DAC1005D650 Datasheet HTML 12Page - NXP Semiconductors DAC1005D650 Datasheet HTML 13Page - NXP Semiconductors DAC1005D650 Datasheet HTML 14Page - NXP Semiconductors DAC1005D650 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
DAC1005D650_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 28 July 2009
11 of 41
NXP Semiconductors
DAC1005D650
Dual 10-bit DAC, up to 650 Msps; 2
× 4× and 8× interpolating
Analog auxiliary outputs (AUXAP, AUXAN, AUXBP and AUXBN)
IO(aux)
auxiliary output current differential outputs
I
-
2.2
-
mA
VO(aux)
auxiliary output voltage compliance range
C
0
-
2
V
NDAC(aux)mono auxiliary DAC
monotonicity
guaranteed
D
-
10
-
bit
Input timing (see Figure 10)
fdata
data rate
Dual-port mode input
C
-
-
160
MHz
tw(CLK)
CLK pulse width
C
1.5
-
Tdata − 1.5 ns
th(i)
input hold time
C
1.1
-
-
ns
tsu(i)
input set-up time
C
1.1
-
-
ns
Output timing
fs
sampling frequency
C
-
-
650
Msps
ts
settling time
to
±0.5 LSB
D
-
20
-
ns
NCO frequency range; fs = 640 Msps
fNCO
NCO frequency
register value = 00000000h
D
-
0
-
MHz
register value = FFFFFFFFh
D
-
640
-
MHz
fstep
step frequency
D
-
0.149 -
Hz
Low-power NCO frequency range; fDAC = 640 MHz
fNCO
NCO frequency
register value = 00000000h
D
-
0
-
MHz
register value = F8000000h
D
-
620
-
MHz
fstep
step frequency
D
-
20
-
MHz
Dynamic performance; PLL on
SFDR
spurious-free dynamic
range
fdata = 80 MHz; fs = 320 Msps;
B=fdata / 2
fo = 35 MHz at 0 dBFS
C
-
82
-
dBc
fdata = 80 MHz; fs = 640 Msps;
B=fdata / 2
fo = 4 MHz at 0 dBFS
I
-
76
-
dBc
fo = 19 MHz at 0 dBFS
I
-
75
-
dBc
fdata = 160 MHz; fs = 640 Msps;
B=fdata / 2
fo = 70 MHz at 0 dBFS
C
-
82
-
dBc
Table 5.
Characteristics …continued
VDDA(1V8) = VDDD(1V8) = 1.8 V; VDDA(3V3) = VDD(IO)(3V3) = 3.3 V; AGND, DGND and GNDIO shorted together;
Tamb = −40 °C to +85 °C; typical values measured at Tamb =25 °C; RL =50 Ω;IO(fs) = 20 mA; maximum sample rate; PLL on;
unless otherwise specified.
Symbol
Parameter
Conditions
Test[1]
Min
Typ
Max
Unit


Número de pieza similar - DAC1005D650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
DAC1005D650HW RENESAS-DAC1005D650HW Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
More results

Descripción similar - DAC1005D650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
DAC1405D650 NXP-DAC1405D650 Datasheet
203Kb / 43P
   Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-4 May 2009
DAC1205D650 NXP-DAC1205D650 Datasheet
203Kb / 42P
   Dual 12-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
DAC1408D650 NXP-DAC1408D650 Datasheet
360Kb / 88P
   Dual 14-bit DAC, up to 650 Msps, 2쨈 and 4쨈 interpolating with JESD204A interface
Rev. 01-26 May 2009
logo
Renesas Technology Corp
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1405D650 IDT-DAC1405D650 Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Renesas Technology Corp
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com