Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC1205D650 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza DAC1205D650
Descripción Electrónicos  Dual 12-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1205D650 Datasheet(HTML) 5 Page - NXP Semiconductors

  DAC1205D650 Datasheet HTML 1Page - NXP Semiconductors DAC1205D650 Datasheet HTML 2Page - NXP Semiconductors DAC1205D650 Datasheet HTML 3Page - NXP Semiconductors DAC1205D650 Datasheet HTML 4Page - NXP Semiconductors DAC1205D650 Datasheet HTML 5Page - NXP Semiconductors DAC1205D650 Datasheet HTML 6Page - NXP Semiconductors DAC1205D650 Datasheet HTML 7Page - NXP Semiconductors DAC1205D650 Datasheet HTML 8Page - NXP Semiconductors DAC1205D650 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
DAC1205D650_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 28 July 2009
5 of 42
NXP Semiconductors
DAC1205D650
Dual 12-bit DAC, up to 650 Msps; 2
× 4× and 8× interpolating
6.2 Pin description
Table 2.
Pin description
Symbol
Pin
Type[1]
Description
VDDA(3V3)
1
P
analog supply voltage 3.3 V
AUXAP
2
O
auxiliary DAC B output current
AUXAN
3
O
complementary auxiliary DAC B output current
AGND
4
G
analog ground
VDDA(1V8)
5
P
analog supply voltage 1.8 V
VDDA(1V8)
6
P
analog supply voltage 1.8 V
AGND
7
G
analog ground
CLKP
8
I
clock input
CLKN
9
I
complementary clock input
AGND
10
G
analog ground
VDDA(1V8)
11
P
analog supply voltage 1.8 V
d.n.c.
12
-
do not connect
d.n.c.
13
-
do not connect
TM1
14
I/O
test mode 1 (to connect to DGND)
TM0
15
I/O
test mode 0 (to connect to DGND)
VDD(IO)(3V3)
16
P
input/output buffers supply voltage 3.3 V
GNDIO
17
G
input/output buffers ground
I11
18
I
I data input bit 11 (MSB)
I10
19
I
I data input bit 10
I9
20
I
I data input bit 9
I8
21
I
I data input bit 8
I7
22
I
I data input bit 7
I6
23
I
I data input bit 6
I5
24
I
I data input bit 5
I4
25
I
I data input bit 4
VDDD(1V8)
26
P
digital supply voltage 1.8 V
DGND
27
G
digital ground
I3
28
I
I data input bit 3
I2
29
I
I data input bit 2
I1
30
I
I data input bit 1
I0
31
I
I data input bit 0 (LSB)
VDDD(1V8)
32
P
digital supply voltage 1.8 V
DGND
33
G
digital ground
n.c.
34
I
not connected
n.c.
35
I
not connected
VDDD(1V8)
36
P
digital supply voltage 1.8 V
DGND
37
G
digital ground
TM2
38
-
test mode 2 (to connect to DGND)
DGND
39
G
digital ground


Número de pieza similar - DAC1205D650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
More results

Descripción similar - DAC1205D650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
DAC1405D650 NXP-DAC1405D650 Datasheet
203Kb / 43P
   Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-4 May 2009
DAC1005D650 NXP-DAC1005D650 Datasheet
202Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
DAC1408D650 NXP-DAC1408D650 Datasheet
360Kb / 88P
   Dual 14-bit DAC, up to 650 Msps, 2쨈 and 4쨈 interpolating with JESD204A interface
Rev. 01-26 May 2009
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1405D650 IDT-DAC1405D650 Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
DAC1205D750 RENESAS-DAC1205D750 Datasheet
414Kb / 41P
   Dual 12-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Integrated Device Techn...
DAC1208D650 IDT-DAC1208D650 Datasheet
629Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com