Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UC1715 Datasheet(PDF) 4 Page - Texas Instruments |
|
UC1715 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 8 page 4 UC1714/5 UC2714/5 UC3714/5 INPUT: The input switches at TTL logic levels (approxi- mately 1.4V) but the allowable range is from 0V to 20V, allowing direct connection to most common IC PWM con- troller outputs. The rising edge immediately switches the AUX output, and initiates a timing delay, T1, before switching on the PWR output. Similarly, the INPUT falling edge immediately turns off the PWR output and initiates a timing delay, T2, before switching the AUX output. It should be noted that if the input signal comes from a controller with FET drive capability, this signal provides another option. INPUT and PWR provide a delay only at the leading edge while INPUT and AUX provide the delay at the trailing edge. PWR: The PWR output waits for the T1 delay after the INPUT’s rising edge before switching on, but switches off immediately at INPUT’s falling edge (neglecting propaga- tion delays). This output is capable of sourcing 1A and sinking 2A of peak gate drive current. PWR output in- cludes a passive, self-biased circuit which holds this pin active low, when ENBL ≥ 0.8V regardless of VCC’s volt- age. T1: A resistor to ground programs the time delay be- tween AUX switch turn-off and PWR turn-on. T2: This pin functions in the same way as T1 but controls the time delay between PWR turn-off and activation of the AUX switch. T1, T2: The resistor on each of these pins sets the charging current on internal timing capacitors to provide independent time control. The nominal voltage level at each pin is 3V and the current is internally limited to 1mA. The total delay from INPUT to each output includes a propagation delay in addition to the programmable timer but since the propagation delays are approximately equal, the relative time delay between the two outputs can be assumed to be solely a function of the pro- grammed delays. The relationship of the time delay vs. RT is shown in the Typical Characteristics curves. Either or both pins can alternatively be used for voltage sensing in lieu of delay programming. This is done by pulling the timer pins below their nominal voltage level which immediately activates the timer output. VCC: The VCC input range is from 7V to 20V. This pin should be bypassed with a capacitor to GND consistent with peak load current demands. PIN DESCRIPTIONS (cont.) PROPAGATION DELAYS INPUT PWR OUTPUT T1 DELAY T2 DELAY UC1714 AUX OUTPUT UC1715 AUX OUTPUT TYPICAL CHARACTERISTICS Time relationships. (Notes 3, 4) UDG-99027 0 100 200 300 400 500 0 1020304050 60708090 100 RT (kW) T1 vs RT1 T2 vs RT2 T1 Delay, T2 Delay vs. RT |
Número de pieza similar - UC1715 |
|
Descripción similar - UC1715 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |