Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC1-ADJ Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza UC1-ADJ
Descripción Electrónicos  Fast LDO Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UC1-ADJ Datasheet(HTML) 1 Page - Texas Instruments

  UC1-ADJ Datasheet HTML 1Page - Texas Instruments UC1-ADJ Datasheet HTML 2Page - Texas Instruments UC1-ADJ Datasheet HTML 3Page - Texas Instruments UC1-ADJ Datasheet HTML 4Page - Texas Instruments UC1-ADJ Datasheet HTML 5Page - Texas Instruments UC1-ADJ Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UC182-1,-2,-3,-ADJ
UC282-1,-2,-3,-ADJ
UC382-1,-2,-3,-ADJ
SLUS317 - JANUARY 1999
FEATURES
• Fast Transient Response
• 10mA to 3A Load Current
• Short Circuit Protection
• Maximum Dropout of 450mV at 3A
Load Current
• Separate Bias and VIN Pins
• Available in Adjustable or Fixed
Output Voltages
• 5 Pin Package allows Kelvin Sensing
of Load Voltage
• Reverse Current Protection
DESCRIPTION
The UC382 is a low dropout linear regulator providing a quick response to
fast load changes. Combined with its precision on-board reference, the
UC382 excels at driving GTL and BTL buses. Due to its fast response to
load transients, the total capacitance required to decouple the regulator’s
output can be significantly decreased when compared to standard LDO lin-
ear regulators.
Dropout voltage (VIN to VOUT) is only 450mV maximum at 100°C and
350mV typical at 3A load.
The on-board bandgap reference is stable with temperature and scaled for
a 1.200V input to the internal power amplifier. The UC382 is available in
fixed output voltages of 1.5V, 2.1V, or 2.5V. The output voltage of the adjust-
able version can be set with two external resistors. If the external resistors
are omitted, the output voltage defaults to 1.2V.
Fast LDO Linear Regulator
BLOCK DIAGRAM
UDG-96037-1


Número de pieza similar - UC1-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PULS GmbH
UC10.241 PULS-UC10.241 Datasheet
669Kb / 27P
   CAPACITOR-BASED DC-UPS
UC10.242 PULS-UC10.242 Datasheet
669Kb / 27P
   CAPACITOR-BASED DC-UPS
logo
Pepperl+Fuchs Inc.
UC1000-18GM90-E2-IO-V1 PF-UC1000-18GM90-E2-IO-V1 Datasheet
785Kb / 5P
   Ultrasonic sensor
UC1000-18GM90A-E2-IO-V1 PF-UC1000-18GM90A-E2-IO-V1 Datasheet
763Kb / 5P
   Ultrasonic sensor
UC1000-18GS-2EP-IO-V15 PF-UC1000-18GS-2EP-IO-V15 Datasheet
853Kb / 6P
   Ultrasonic sensor
More results

Descripción similar - UC1-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_11 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_17 Datasheet
890Kb / 18P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC282-1 TI-UC282-1 Datasheet
141Kb / 13P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com