Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK433-730-E Datasheet(PDF) 8 Page - Sanyo Semicon Device

No. de pieza STK433-730-E
Descripción Electrónicos  2-channel class AB audio power IC, 30W30W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-730-E Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button STK433-730-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 10Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 11Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
STK433-730-E
No. A1249-8/12
STK433-730-E TEST Board PARTS LIST
STK403-000sr/100sr/200sr PCB
PCB Location No.
CIRCUIT Location No.
PARTS
RATING
STK433-730-E
R01
R01
ERG1SJ101
47
Ω,1W
R02,R03
R21, R22
RN16S102FK
1k
Ω, 1/6W
R05, R06, R08, R09
R15, R16, R25, R26
RN16S563FK
56k
Ω, 1/6W
R11, R12
R23, R24
RN16S182FK
1.8k
Ω, 1/6W
R14, R15
R11, R12
RN14S4R7FK
4.7
Ω, 1/4W
R17, R18
R13, R14
ERX1SJ4R7
4.7
Ω, 1W
R20, R21
-
-
-
short
R34, R35
R27, R28
RN16S561FK
3k
Ω, 1/6W
C01, C02
C01, C02
50MV100HC
100
μF, 50V
C03
C03
50MV200HC
200
μF, 50V
-
C05
ECQ-V1H103JZ
0.01
μF, 50V
C05, C06
C23, C24
50MV2R2HC
2.2
μF, 50V
(*)
C07, C08
C21, C22
DD104-63B471K50
470pF, 50V
C10, C11
C13, C14
DD104-63CJ120C50
12pF, 50V
C13, C14
C25, C26
10MV10HC
10
μF, 10V
(*)
C16, C17
C11, C12
ECQ-V1H104JZ
0.1
μF, 50V
C19, C20
C27, C28
DD104-63B222K50
2200pF, 50V
L01, L02
L11, L12
-
1
μH
Tr1
2SC2274(Reference)
VCE
≥50V, IC≥10mA
R3
RN16S133FK
1k
Ω, 1/6W
R31
RN16S333FK
33k
Ω, 1/6W
R33
RN16S202FK
2k
Ω, 1/6W
Stand-By
Control Circuit
C32
10MV33HC
33
μF, 10V
J1, J2, J3, J4, J5, J6,
J8, J9
-
-
-
Jumper
JS6
-
-
-
Jumper
JS1
-
-
-
Jumper
• (*) Capacitor mark “A” side is “-” (negative).
• C05 does not have a location number on the PCB so the component must be mounted on the reverse side of the board.


Número de pieza similar - STK433-730-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
More results

Descripción similar - STK433-730-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK402-950 SANYO-STK402-950 Datasheet
578Kb / 6P
   5CH AB AUDIO POWER IC 30W X 5 CH
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
ON Semiconductor
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
logo
ON Semiconductor
EN5715A ONSEMI-EN5715A Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com