Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UC1827L-1 Datasheet(PDF) 9 Page - Texas Instruments |
|
UC1827L-1 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 15 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) UC1827J-1 OBSOLETE CDIP J 24 TBD Call TI Call TI UC1827L-1 OBSOLETE TO/SOT L 20 TBD Call TI Call TI UC2827DW-1 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR UC2827DW-2 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR UC2827DW-2G4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR UC2827DWTR-1 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR UC2827DWTR-2 ACTIVE SOIC DW 24 2000 TBD CU NIPDAU Level-3-235C-168 HR UC2827N-1 ACTIVE PDIP N 24 15 TBD Call TI Level-NA-NA-NA UC2827N-2 ACTIVE PDIP N 24 15 TBD Call TI Level-NA-NA-NA UC3827DW-1 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR UC3827DW-1G4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR UC3827DW-2 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR UC3827DWTR-1 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR UC3827DWTR-1G4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR UC3827DWTR-2 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR UC3827DWTR-2G4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR UC3827N-1 ACTIVE PDIP N 24 15 TBD Call TI Level-NA-NA-NA UC3827N-2 ACTIVE PDIP N 24 15 TBD Call TI Level-NA-NA-NA (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS) or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is PACKAGE OPTION ADDENDUM www.ti.com 17-Nov-2005 Addendum-Page 1 |
Número de pieza similar - UC1827L-1 |
|
Descripción similar - UC1827L-1 |