Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2909 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza UC2909
Descripción Electrónicos  Switchmode Lead-Acid Battery Charger
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UC2909 Datasheet(HTML) 5 Page - Texas Instruments

  UC2909 Datasheet HTML 1Page - Texas Instruments UC2909 Datasheet HTML 2Page - Texas Instruments UC2909 Datasheet HTML 3Page - Texas Instruments UC2909 Datasheet HTML 4Page - Texas Instruments UC2909 Datasheet HTML 5Page - Texas Instruments UC2909 Datasheet HTML 6Page - Texas Instruments UC2909 Datasheet HTML 7Page - Texas Instruments UC2909 Datasheet HTML 8Page - Texas Instruments UC2909 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
UC2909
UC3909
GND: The reference point for the internal reference, all
thresholds, and the return for the remainder of the de-
vice. The output sink transistor is wired directly to this
pin.
OVCTAP: The overcharge current taper pin detects
when the output current has tapered to the float thresh-
old in the overcharge state.
OSC: The oscillator ramp pin which has a capacitor (CT)
to ground. The ramp oscillates between approximately
1.0V to 3.0V and the frequency is approximated by:
frequency
CR
TSET
=
••
1
12
.
OUT: The output of the PWM driver which consists of an
open collector output transistor with 100mA sink capabil-
ity.
R10: Input used to establish a differential voltage corre-
sponding to the temperature of the thermistor. Connect
a 10k resistor to ground from this point.
RSET:
A resistor to ground programs the oscillator
charge current and the trickle control current for the oscil-
lator ramp.
The oscillator charge current is approximately
175
.
R SET
.
The trickle control current (ITRCK_CONTROL) is approxi-
mately
0115
.
R SET
.
RTHM: A 10k thermistor is connected to ground and is
thermally connected to the battery. The resistance will
vary exponentially over temperature and its change is
used to vary the internal 2.3V reference by –3.9mV/°C.
The recommended thermistor for this function is part
number L1005-5744-103-D1, Keystone Carbon Com-
pany, St. Marys, PA.
STAT0:
This open collector pin is the first decode bit
used to decode the charge states.
STAT1: This open collector pin is the second decode bit
used to decode the charge states.
STATLV: This bit is high when the charger is in the float
state.
VA–: The inverting input to the voltage error amplifier.
VAO: The output of the voltage error amplifier. The up-
per output clamp voltage of this amplifier is 5V.
VCC: The input voltage to the chip. The chip is opera-
tional between 7.5V and 40V and should be bypassed
with a 1
µF capacitor. A typical ICC vs. temperature is
shown in Figure 1.
VLOGIC: The precision reference voltage. It should be
bypassed with a 0.1
µF capacitor.
Charge State Decode Chart
STAT0 and STAT1 are open collector outputs. The out-
put is approximately 0.2V for a logic 0.
STAT1
STAT0
Trickle Charge
0
0
Bulk Charge
0
1
Over Charge
1
0
Float Charge
1
1
PIN DESCRIPTIONS (cont.)
Figure 1. ICC vs. temperature.


Número de pieza similar - UC2909

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC2909 TI-UC2909 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI1-UC2909-EP Datasheet
716Kb / 18P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
UC2909-EP TI1-UC2909-EP Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
More results

Descripción similar - UC2909

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
UC3909Q TI-UC3909Q Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI1-UC2909-EP Datasheet
716Kb / 18P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Kasin Electronics Corpo...
KA35S281 KASIN-KA35S281 Datasheet
1Mb / 19P
   Lead-Acid Battery Charger
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com