Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28227 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL28227
Descripción Electrónicos  Precision Single and Dual Low Noise Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28227 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28227 Datasheet HTML 1Page - Intersil Corporation ISL28227 Datasheet HTML 2Page - Intersil Corporation ISL28227 Datasheet HTML 3Page - Intersil Corporation ISL28227 Datasheet HTML 4Page - Intersil Corporation ISL28227 Datasheet HTML 5Page - Intersil Corporation ISL28227 Datasheet HTML 6Page - Intersil Corporation ISL28227 Datasheet HTML 7Page - Intersil Corporation ISL28227 Datasheet HTML 8Page - Intersil Corporation ISL28227 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6633.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL28127, ISL28227
Precision Single and Dual Low Noise
Operational Amplifiers
The ISL28127 and ISL28227 are very high precision
amplifiers featuring very low noise, low offset voltage, low
input bias current and low temperature drift making them the
ideal choice for applications requiring both high DC accuracy
and AC performance. The combination of precision, low
noise, and small footprint provides the user with outstanding
value and flexibility relative to similar competitive parts.
Applications for these amplifiers include precision active
filters, medical and analytical instrumentation, precision
power supply controls, and industrial controls.
The ISL28127 single is available in an 8 Ld SOIC package.
The ISL28227 dual amplifier will be offered in 8 Ld SOIC
package. All devices are offered in standard pin
configurations and operate over the extended temperature
range to -40°C to +125°C.
Pinouts
Features
• Very Low Voltage Noise . . . . . . . . . . . . . . . . . . . .2.5nV/Hz
• Low Input Offset . . . . . . . . . . . . . . . . . . . . . . . . 70µV, Max.
• Superb Offset Drift . . . . . . . . . . . . . . . . . . . 0.5µV/°C, Max.
• Input Bias Current . . . . . . . . . . . . . . . . . . . . . . 10nA, Max.
• Wide Supply Range . . . . . . . . . . . . . . . . . . . . .4.5V to 40V
• Gain-bandwidth Product. . . . . . . 10MHz Unity Gain Stable
• Low Current Consumption . . . . . . . . . . . . . . . . . . . . 2.2mA
• Outstanding ESD performance
- Human Body Model . . . . . . . . . . . . . . . . . . . . . . . 4.0kV
- Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
- Charged Device Model . . . . . . . . . . . . . . . . . . . . . 1.5kV
• Operating Temperature Range . . . . . . . . -40°C to +125°C
• No Phase Reversal
• Pb-Free (RoHS Compliant)
Applications
• Precision Instruments
• Medical Instrumentation
• Spectral Analysis Equipment
• Geophysical Analysis Equipment
• Telecom Equipment
• Active Filter Blocks
• Microphone Pre-amplifier
• Thermocouples and RTD Reference Buffers
• Data Acquisition
• Power Supply Control
Ordering Information
PART NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28127FBZ*
28127 FBZ
8 Ld SOIC
MDP0027
Coming Soon
ISL28227FBZ*
28227 FBZ
8 Ld SOIC
MDP0027
*Add “-T13” suffix for tape and reel.Please refer to TB347 for details
on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
ISL28127
(8 LD SOIC)
TOP VIEW
ISL28227
(8 LD SOIC)
TOP VIEW
NC
-IN_A
+IN_A
V -
1
2
3
4
8
7
6
5
NC
V+
VOUTA
NC
+
-
VOUTA
-IN_A
+IN_A
V -
1
2
3
4
8
7
6
5
V+
VOUTB
-IN_B
+IN_B
+
-
+-
Data Sheet
May 29, 2009


Número de pieza similar - ISL28227

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28227 INTERSIL-ISL28227 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227 INTERSIL-ISL28227 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227 INTERSIL-ISL28227 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28227 INTERSIL-ISL28227 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL28227 RENESAS-ISL28227 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Descripción similar - ISL28227

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com