Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL24021IRT065Z Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL24021IRT065Z
Descripción Electrónicos  1A Rail-to-Rail Input-Output Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24021IRT065Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL24021IRT065Z Datasheet HTML 1Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 2Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 3Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 4Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 5Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 6Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 7Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 8Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN6637.0
June 3, 2009
ILEAK
Input Leakage Current
VCM = 7.5V
2
10
nA
RIN
Input Resistance
1G
Ω
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
VSS-
0.5
VDD+
0.5
V
CMRR
Common-Mode Rejection Ratio
For VIN from -0.5V to 15.5V
50
70
dB
AVOL
Open-Loop Gain
0.5V
≤ VOUT ≤ 14.5V
75
95
dB
OUTPUT CHARACTERISTICS
VOH
Output Swing High
IL= 100mA, VIN = VDD
VDD -
0.4
V
IL= 7.5mA, VIN = VDD
VDD -
0.15
VDD -
0.025
V
VOL
Output Swing Low
IL= -100mA,VIN = VSS
VSS +
0.4
V
IL= -7.5mA,VIN = VSS
VSS +
0.025
VSS +
0.15
V
ISC
Short-Circuit Current
±1.0
A
IOUT
Continuous Output Current (Note 6)
±300
mA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 3)
1V
≤ V
OUT ≤ 14V
19
V/µs
tS
Settling to 0.1% (Note 5)
AV = +1, VO = 2V step
80
ns
BW
-3dB Bandwidth
AV = +1, RL = 1kΩ, CL= 8pF
27
MHz
PM
Phase Margin
RL = 1kΩ, CL= 8pF
42
°
THERMAL PERFORMANCE
TTS
Thermal Shutdown Temperature
Die temperature at which the device will
shutdown until it cools by TTSH °C
+165
°C
TTSH
Thermal Shutdown Hysteresis
Die temperature below TTS °C when the
device will become operational after
shutdown
15
°C
NOTES:
2. Measured over the -40°C to +85°C ambient operating temperature range.
3. Typical slew rate is an average of the slew rates measured on the rising (20% to 80%) and the falling (80% to 20%) edges of the output signal.
4. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
5. Settling time measured from [Full Scale - (0.1%*StepSize)] on the rising edge to when the output is bounded within ±0.1% of full scale.
6. Continuous output current with a typical of ±300mA. Care should be taken to ensure the maximum package power dissipation is not exceeded,
refer to “Power Dissipation” on page 10.
Electrical Specifications
VDD = 15V, VSS = GND = 0V, RL = 1kΩ to 7.5V, TA = +25°C, Unless Otherwise Specified. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 4)
TYP
MAX
(Note 4)
UNIT
Pin Descriptions
PIN NUMBER
PIN NAME
PIN TYPE
PIN FUNCTION
1, 5, 8
NC
No Connection
2
INN
Analog Input
Amplifier negative input
3
INP
Analog Input
Amplifier positive input
4
VSS
Analog Power
Negative power supply (connect to GND for single supply operation)
6
OUT
Analog Output
Amplifier output
7
VDD
Analog Power
Positive power supply
ISL24021


Número de pieza similar - ISL24021IRT065Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL24021IRT065Z-T13 INTERSIL-ISL24021IRT065Z-T13 Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
logo
Renesas Technology Corp
ISL24021IRT065Z-T13 RENESAS-ISL24021IRT065Z-T13 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
ISL24021IRT065Z-T7A INTERSIL-ISL24021IRT065Z-T7A Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
logo
Renesas Technology Corp
ISL24021IRT065Z-T7A RENESAS-ISL24021IRT065Z-T7A Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
More results

Descripción similar - ISL24021IRT065Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL24021IRT065Z-T7A INTERSIL-ISL24021IRT065Z-T7A Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com