Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28207FBZ Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL28207FBZ
Descripción Electrónicos  Precision Single and Dual Low Noise Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28207FBZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28207FBZ Datasheet HTML 4Page - Intersil Corporation ISL28207FBZ Datasheet HTML 5Page - Intersil Corporation ISL28207FBZ Datasheet HTML 6Page - Intersil Corporation ISL28207FBZ Datasheet HTML 7Page - Intersil Corporation ISL28207FBZ Datasheet HTML 8Page - Intersil Corporation ISL28207FBZ Datasheet HTML 9Page - Intersil Corporation ISL28207FBZ Datasheet HTML 10Page - Intersil Corporation ISL28207FBZ Datasheet HTML 11Page - Intersil Corporation ISL28207FBZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6631.0
June 5, 2009
FIGURE 27. NEGATIVE OUTPUT OVERLOAD RESPONSE
TIME, VS = ±15V
FIGURE 28. % OVERSHOOT vs. LOAD CAPACITANCE,
VS = ±15V
Typical Performance Curves
VS = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
TIME (µs)
-0.26
-0.22
-0.18
-0.14
-0.10
-0.06
-0.02
0.02
0.06
0
20
40
60
80
100 120 140 160 180 200
-15
-13
-11
-9
-7
-5
-3
-1
1
INPUT
OUTPUT
VS = ±15V
RL = 10k
AV = 100
CL = 4pF
Rf = 10k, Rg = 100
VIN = 200mVP-P
CAPACITANCE (pF)
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1,000
10,000
OV
ER
SH
OO
T -
VS = ±15V
RL = 10k
AV = 1
VOUT = 100mVP-P
OV
ER
SH
OO
T +
Pin Descriptions
ISL28107
(8 LD SOIC)
ISL28207
(8 LD SOIC)
PIN
NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
3
3
+IN_A
Circuit 1
Amplifier A non-inverting input
4
4
V-
Circuit 3
Negative power supply
5
+IN_B
Circuit 1
Amplifier B non-inverting input
6
-IN_B
Circuit 1
Amplifier B inverting input
7VOUTB
Circuit 2
Amplifier B output
7
8
V+
Circuit 3
Positive power supply
61
VOUTA
Circuit 2
Amplifier A output
2
2
-IN_A
Circuit 1
Amplifier A inverting input
1, 5, 8
NC
-
No internal connection
V+
V-
OUT
CIRCUIT 2
CIRCUIT 1
V+
V-
CIRCUIT 3
IN-
V+
V-
IN+
CAPACITIVELY
TRIGGERED
ESD CLAMP
500
Ω
500
Ω
ISL28107, ISL28207


Número de pieza similar - ISL28207FBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28207FBZ INTERSIL-ISL28207FBZ Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28207FBZ INTERSIL-ISL28207FBZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28207FBZ INTERSIL-ISL28207FBZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28207FBZ INTERSIL-ISL28207FBZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28207FBZ INTERSIL-ISL28207FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
More results

Descripción similar - ISL28207FBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com