Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL12008IB8Z Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL12008IB8Z
Descripción Electrónicos  I2C Real Time Clock with Battery Backup
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12008IB8Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL12008IB8Z Datasheet HTML 1Page - Intersil Corporation ISL12008IB8Z Datasheet HTML 2Page - Intersil Corporation ISL12008IB8Z Datasheet HTML 3Page - Intersil Corporation ISL12008IB8Z Datasheet HTML 4Page - Intersil Corporation ISL12008IB8Z Datasheet HTML 5Page - Intersil Corporation ISL12008IB8Z Datasheet HTML 6Page - Intersil Corporation ISL12008IB8Z Datasheet HTML 7Page - Intersil Corporation ISL12008IB8Z Datasheet HTML 8Page - Intersil Corporation ISL12008IB8Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
FN6690.1
September 26, 2008
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT, SCL, SDA, and FT/OUT Pins
(Respect to GND). . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6.5V
Voltage on X1 and X2 Pins
(Respect to GND)
VDD Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD + 0.5
VBAT Mode . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VBAT + 0.5
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
8 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
115
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
DC Operating Characteristics – RTC Temperature = -40°C to +85°C. Recommended Operating Conditions, unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 8)
TYP
(Note 5)
MAX
(Note 8)
UNITS
NOTES
VDD
Main Power Supply
2.7
5.5
V
VBAT
Battery Supply Voltage
1.8
5.5
V
IDD1
Supply Current
VDD = 5V
2.8
6
µA
2, 3
VDD = 3V
1.6
4
µA
IDD2
Supply Current With I2C Active
VDD = 5V
40
120
µA
2, 3
IDD3
Supply Current (Low Power Mode)
VDD = 5V, LPMODE = 1
2.3
5
µA
2
IBAT
Battery Supply Current
VBAT = 3V, +25°C
800
950
nA
2
ILI
Input Leakage Current on SCL
-1
0.1
+1
µA
ILO
I/O Leakage Current on SDA
-1
0.1
+1
µA
VTRIP
VBAT Mode Threshold
2.3
2.6
2.9
V
VTRIPHYS
VTRIP Hysteresis
36
mV
6
VBATHYS
VBAT Hysteresis
53
mV
6
FT/OUT
VOL
Output Low Voltage
VDD = 5V
IOL = 3mA
0.02
0.4
V
VDD = 2.7V
IOL = 1mA
0.02
0.4
V
Power-Down Timing
Temperature = -40°C to +85°C. Recommended Operating Conditions unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 8)
TYP
(Note 5)
MAX
(Note 8)
UNITS
NOTES
VDD SR-
VDD Negative Slewrate
5V/ms
4
Serial Interface Specifications
Recommended Operating Conditions. Unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
(Note 5)
MAX
(Note 8)
UNITS NOTES
SERIAL INTERFACE SPECS
VIL
SDA and SCL Input Buffer LOW Voltage
-0.3
0.3 x VDD
V
VIH
SDA and SCL Input Buffer HIGH Voltage
0.7 x VDD
VDD + 0.3
V
Hysteresis SDA and SCL Input Buffer Hysteresis
0.05 x
VDD
V6, 7
VOL
SDA Output Buffer LOW Voltage, Sinking 3mA
0
0.02
0.4
V
Cpin
SDA and SCL Pin Capacitance
TA = +25°C, f = 1MHz, VDD = 5V,
VIN =0V, VOUT = 0V
10
pF
6, 7
ISL12008


Número de pieza similar - ISL12008IB8Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL12008IB8Z RENESAS-ISL12008IB8Z Datasheet
791Kb / 19P
   Low Power RTC with Battery ReSeal??Function
ISL12008IB8Z-T RENESAS-ISL12008IB8Z-T Datasheet
791Kb / 19P
   Low Power RTC with Battery ReSeal??Function
More results

Descripción similar - ISL12008IB8Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_11 Datasheet
1Mb / 20P
   5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Rev 1; 5/11
logo
Cymbet Corporation
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
Epson Company
RX8130CE EPSON-RX8130CE Datasheet
362Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus) Build in backup battery charge control function
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
   I2C Real-Time Clock
logo
STMicroelectronics
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
RICOH electronics devic...
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
logo
STMicroelectronics
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
   Serial access real-time clock (RTC) with integral backup battery and crystal
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com