Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL29023IROZ-EVALZ Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL29023IROZ-EVALZ
Descripción Electrónicos  Integrated Digital Ambient Light Sensor with Interrupt Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29023IROZ-EVALZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL29023IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN6691.0
March 3, 2009
Integration and Conversion Time
The ADC resolution and fOSC determine the integration
time, tint.
where n is the number of bits of resolution and n = 4, 8, 12 or
16. Therefore, 2n is the number of clock cycles. n can be
programmed at the command register 01(hex) bits 3 and 2.
External Scaling Resistor REXT for fOSC and Range
The ISL29023 uses an external resistor REXT to fix its
internal oscillator frequency fOSC and the light sensing
range, Range. fOSC and Range are inversely proportional to
REXT. For user simplicity, the proportionality constant is
referenced to 499k
Ω:
Noise Rejection
In general, integrating type ADC’s have excellent
noise-rejection characteristics for periodic noise sources
whose frequency is an integer multiple of the conversion
rate. For instance, a 60Hz AC unwanted signal’s sum from
0ms to k*16.66ms (k = 1,2...ki) is zero. Similarly, setting the
device’s integration time to be an integer multiple of the
periodic noise signal, greatly improves the light sensor
output signal in the presence of noise.
ADC Output in IR Sensing
The ISL29023’s ADC output codes, DATA, are directly
proportional to the IR intensity received in the IR sensing.
Here, EIR is the received IR intensity. The constant β
changes with the spectrum of background IR noise, such as
sunlight and incandescent light. The
β also changes with the
ADC’s range and resolution selections.
Suggested PCB Footprint
It is important that the users check the “Surface Mount
Assembly Guidelines for Optical Dual FlatPack No Lead
(ODFN) Package” before starting ODFN product board
mounting.
http://www.intersil.com/data/tb/TB477.pdf
Layout Considerations
The ISL29023 is relatively insensitive to layout. Like other
I2C devices, it is intended to provide excellent performance
even in significantly noisy environments. There are only a
few considerations that will ensure best performance.
Route the supply and I2C traces as far as possible from all
sources of noise. Use two power-supply decoupling
capacitors, 1µF and 0.1µF, placed close to the device.
Typical Circuit
A typical application for the ISL29023 is shown in Figure 3.
The ISL29023’s I2C address is internally hardwired as
1000100. The device can be tied onto a system’s I2C bus
together with other I2C compliant devices.
Soldering Considerations
Convection heating is recommended for reflow soldering;
direct-infrared heating is not recommended. The plastic
ODFN package does not require a custom reflow soldering
profile, and is qualified to +260°C. A standard reflow
soldering profile with a +260°C maximum is recommended.
TABLE 8. INTEGRATION TIME OF n-BIT ADC
REXT
(k
Ω)
n = 16-BIT
n = 12-BIT
n = 8-BIT
n = 4-BIT
250
45ms
2.8ms
176µs
11µs
499**
90ms
5.6ms
352µs
22µs
**Recommended REXT resistor value
tint
2
n
1
fOSC
--------------
×
2
n
REXT
725kHz 499k
Ω
×
----------------------------------------------
×
==
(EQ. 4)
(EQ. 5)
Range
499k
Ω
REXT
------------------
Range k
()
×
=
(EQ. 6)
fOSC
499k
Ω
REXT
------------------
725
×
kHz
=
DATAIR
β E
IR
×
=
(EQ. 7)
ISL29023


Número de pieza similar - ISL29023IROZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL29023IROZ-EVALZ INTERSIL-ISL29023IROZ-EVALZ Datasheet
623Kb / 14P
   Integrated Digital Light Sensor with Interrupt
May 1, 2014
logo
Renesas Technology Corp
ISL29023IROZ-EVALZ RENESAS-ISL29023IROZ-EVALZ Datasheet
882Kb / 14P
   Integrated Digital Light Sensor with Interrupt
More results

Descripción similar - ISL29023IROZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
465Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
468Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com