Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL12058IUZ-T Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL12058IUZ-T
Descripción Electrónicos  Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12058IUZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL12058IUZ-T Datasheet HTML 1Page - Intersil Corporation ISL12058IUZ-T Datasheet HTML 2Page - Intersil Corporation ISL12058IUZ-T Datasheet HTML 3Page - Intersil Corporation ISL12058IUZ-T Datasheet HTML 4Page - Intersil Corporation ISL12058IUZ-T Datasheet HTML 5Page - Intersil Corporation ISL12058IUZ-T Datasheet HTML 6Page - Intersil Corporation ISL12058IUZ-T Datasheet HTML 7Page - Intersil Corporation ISL12058IUZ-T Datasheet HTML 8Page - Intersil Corporation ISL12058IUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN6756.0
June 15, 2009
tIN
Pulse width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max
spec is suppressed
50
ns
tAA
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing 30% of
VDD, until SDA exits the 30% to
70% of VDD window
900
ns
11
tBUF
Time the Bus Must be Free Before
the Start of a New Transmission
SDA crossing 70% of VDD during a
STOP condition, to SDA crossing
70% of VDD during the following
START condition
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VDD
crossing
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VDD
crossing
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling
edge. Both crossing 70% of VDD
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing
30% of VDD to SCL falling edge
crossing 70% of VDD
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70%
of VDD window, to SCL rising edge
crossing 30% of VDD
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge crossing
30% of VDD to SDA entering the
30% to 70% of VDD window
0
900
ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing
70% of VDD, to SDA rising edge
crossing 30% of VDD
600
ns
tHD:STO
STOP Condition Hold Time
From SDA rising edge to SCL
falling edge. Both crossing 70% of
VDD
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing
30% of VDD, until SDA enters the
30% to 70% of VDD window
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VDD
20 + 0.1 x Cb
300
ns
9, 10
tF
SDA and SCL Fall Time
From 70% to 30% of VDD
20 + 0.1 x Cb
300
ns
9, 10, 11
Cb
Capacitive Loading of SDA or SCL Total on-chip and off-chip
10
400
pF
9, 10
Rpu
SDA and SCL Bus Pull-Up
Resistor Off-Chip
Maximum is determined by tR and
tF.
For Cb = 400pF, max is about
2k
Ω to~2.5kΩ.
For Cb = 40pF, max is about 15k
Ω
to ~20k
Ω
1k
Ω
9, 10
NOTES:
6. IRQ/FOUT inactive.
7. Typical values are for T = +25°C and 3.3V supply voltage.
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
9. Limits should be considered typical and are not production tested.
10. These are I2C specific parameters and are not production tested, however, they are used to set conditions for testing devices to
validate specification.
11. Parts will work with SDA pull-up voltage above the VPULLUP limit but the tAA and tFin the I
2C parameters are not guaranteed.
12. Specified at +25°C.
Serial Interface Specifications
Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP (Note 7)
MAX
(Note 8)
UNITS
NOTES
ISL12058


Número de pieza similar - ISL12058IUZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL12058IUZ-T RENESAS-ISL12058IUZ-T Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
More results

Descripción similar - ISL12058IUZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12059 RENESAS-ISL12059 Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
logo
Microchip Technology
MCP7940M-I MICROCHIP-MCP7940M-I Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940NT-I-MNY MICROCHIP-MCP7940NT-I-MNY Datasheet
1Mb / 42P
   Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com